Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTVA047002EV-V1-R0 Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # PTVA047002EV-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 700 W, 50 V, 470 – 806 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA047002EV-V1-R0 Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  PTVA047002EV-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. PTVA047002EV-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. PTVA047002EV-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. PTVA047002EV-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. PTVA047002EV-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PTVA047002EV-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PTVA047002EV-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PTVA047002EV-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 05, 2018-08-20
4
PTVA047002EV
Reference Circuit , 470 – 806 MHz
Reference circuit assembly diagram (not to scale)
R101
C107 C106
C103
C104
C105
C110
C109
C108
R102
C111
C102
C101
C116
C115
C112
C117
C118
C113
C114
R105
R104
R103
C202
C204
C210
C216
C208
C209
R204
R201
R202
C205
C206
C211
C212 C213
C201
C203
R207
R206
R208
C217
C215
C207
R209
R205
RF_IN
RF_OUT
VDD
VG2
VG1
VDD
p t v a 0 4 7 0 0 2 e v _ C D _ 0 6 - 0 5 - 2 0 1 5
R203
C218
C214
PTVA047002EV
_OUT_06_B
PTVA047002EV_IN_07A
RO4350, .020 (62)
RO4350, .020 (62)
VDD
VGS
VGS
Each Side Load Pull Performance – Pulsed CW signal: 16 µs, 10% duty cycle, 50 V, 600 mA
P3dB
Max Output Power
Max PAE
Freq
[MHz]
Zs
[
W]
Zl
[W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
PAE
[%]
Zl
[W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
PAE
[%]
400
0.35–j1.06
1.35+j1.51
20.0
57.40
550
50.4
2.57+j5.13
24.1
53.00
200
75.1
500
0.69+j0.71
1.54–j0.06
19.7
57.30
537
56.8
2.00+j1.63
21.5
55.10
324
73.0
600
0.85–j0.46
1.10+j1.06
16.5
57.80
603
55.0
1.56+j2.24
19.3
55.80
380
71.0
700
0.97–j0.88
1.37+j1.18
17.3
57.50
562
53.2
1.38+j2.31
19.3
56.10
407
65.1
860
0.77–j0.80
1.08+j1.04
16.9
57.50
562
50.6
1.04+j1.82
19.7
55.30
339
64.0
Load Pull Performance



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com