Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTVA047002EV-V1-R0 Datasheet(PDF) 3 Page - WOLFSPEED, INC.

Part # PTVA047002EV-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 700 W, 50 V, 470 – 806 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA047002EV-V1-R0 Datasheet(HTML) 3 Page - WOLFSPEED, INC.

  PTVA047002EV-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. PTVA047002EV-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. PTVA047002EV-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. PTVA047002EV-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. PTVA047002EV-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PTVA047002EV-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PTVA047002EV-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PTVA047002EV-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 05, 2018-08-20
3
PTVA047002EV
Typical Performance (cont.)
0
15
30
45
60
-60
-50
-40
-30
-20
30
35
40
45
50
55
Average Output Power (dBm)
Two Tone Drive-up
VDD = 50 V, IDQ = 1250 mA, ƒ = 806 MHz,
1MHz Tone Spacing
Efficiency
IM3 Up
IM3 Low
ptva047002ev_g2
0
10
20
30
40
50
-70
-60
-50
-40
-30
30
35
40
45
50
55
Average Output Power (dBm)
Two Tone Drive-up
VDD = 50 V, IDQ = 1250 mA, ƒ = 806 MHz,
1MHz Tone Spacing
Efficiency
IM5Up
IM5Low
ptva047002ev_g3
-10
-5
0
5
10
5
10
15
20
25
350
450
550
650
750
850
950
Frequency (MHz)
Small Signal CW
Gain & Input Return Loss
VDD = 50 V, IDQ = 1250 mA
IRL
Gain
ptva047002ev_g4
0
10
20
30
40
50
60
12
14
16
18
20
22
24
200 300 400 500 600 700 800 900
Output Power (W)
Pulse CW Performance
VDD = 50 V, IDQ = 1250mA, 100us, 10% DC
470MHz Gain
550MHz Gain
650MHz Gain
750MHz Gain
806MHz Gain
470MHz Eff
550MHz Eff
650MHz Eff
750MHz Eff
806MHz Eff
ptva047002ev_g1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com