Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTVA047002EV-V1-R0 Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # PTVA047002EV-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 700 W, 50 V, 470 – 806 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA047002EV-V1-R0 Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  PTVA047002EV-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. PTVA047002EV-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. PTVA047002EV-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. PTVA047002EV-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. PTVA047002EV-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PTVA047002EV-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PTVA047002EV-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PTVA047002EV-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 05, 2018-08-20
Thermally-Enhanced High Power RF LDMOS FET
700 W, 50 V, 470 – 806 MHz
Description
The PTVA047002EV LDMOS FET is designed for use in power amplifier
applications in the 470 MHz to 806 MHz frequency band. Features
include high gain and thermally-enhanced package with bolt-down flange.
Manufactured with Wolfspeed's advanced LDMOS process, this device
provides excellent thermal performance and superior reliability.
PTVA047002EV
Package H-36275-4
Features
• Input matched
• Integrated ESD protection
• Low thermal resistance
• High gain
• Thermally enhanced package
• RoHS compliant
• Capable of withstanding a 10:1 VSWR at
130 W average power under DVB-T signal
condition
• Human Body Model Class 2 (per ANSI/ESDA/
JEDEC JS-001)
RF Characteristics
DVB-T (8K OFDM, 64QAM) Characteristics (tested in Wolfspeed test fixture, narrowband 806 MHz)
VDD = 50 V, IDQ = 1200 mA, ƒ = 806 MHz, input PAR = 10.5 dB (unclipped), output PAR = 7.8 dB @ 0.01% CCDF probability
Characteristic
Symbol
Min
Typ
Max
Unit
Average Output Power
POUT
—
130
—
W
Gain
Gps
16.5
17.5
—
dB
Drain Efficiency
hD
24
29
—
%
Adjacent Channel Power Ratio
ACPR
—
–29.5
–25
dBc
(ACPR integrated over 200 KHz BW at + 4.3 MHz offset from center frequency)
14
18
22
26
30
34
450 500 550 600 650 700 750 800 850
Frequency (MHz)
DVB-T Performance
Drain Efficiency, Gain vs Frequency
VDD= 50 V, IDQ = 1.2 A, POUT = 135 W avg
Drain Efficiency
Gain
ptva047002ev_g5
PTVA047002EV


Similar Part No. - PTVA047002EV-V1-R0

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTVA047002EV INFINEON-PTVA047002EV Datasheet
1,022Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET
Rev. 04.1, 2015-07-08
logo
Cree, Inc
PTVA047002EV CREE-PTVA047002EV Datasheet
449Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 700 W, 50 V, 470 ??806 MHz
logo
Infineon Technologies A...
PTVA047002EV INFINEON-PTVA047002EV_15 Datasheet
1,022Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET
Rev. 04.1, 2015-07-08
More results

Similar Description - PTVA047002EV-V1-R0

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA043002E INFINEON-PTFA043002E Datasheet
305Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 300 W, 470 ??860 MHz
Rev. 03.1, 2009-02-20
PTVA120501EA INFINEON-PTVA120501EA Datasheet
1Mb / 10P
Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 ??1400 MHz
Rev. 02.1, 2016-05-26
PTVA042502EFC INFINEON-PTVA042502EFC_16 Datasheet
1Mb / 10P
Thermally-Enhanced High Power RF LDMOS FET 250 W, 50 V, 470 ??806 MHz
Rev. 03.1, 2016-04-19
PTVA043502EC INFINEON-PTVA043502EC Datasheet
1Mb / 11P
Thermally-Enhanced High Power RF LDMOS FETs 350 W, 50 V, 470 ??860 MHz
Rev. 02.2, 2017-02-09
logo
Cree, Inc
PTVA120501EA CREE-PTVA120501EA Datasheet
683Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 ??1400 MHz
PTVA127002EV CREE-PTVA127002EV Datasheet
1Mb / 10P
Thermally-Enhanced High Power RF LDMOS FET 700 W, 50 V, 1200 ??1400 MHz
PTVA047002EV CREE-PTVA047002EV Datasheet
449Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 700 W, 50 V, 470 ??806 MHz
PTVA042502EC CREE-PTVA042502EC Datasheet
560Kb / 10P
Thermally-Enhanced High Power RF LDMOS FETs 250 W, 50 V, 470 - 806 MHz
PTVA043502EC CREE-PTVA043502EC Datasheet
489Kb / 11P
Thermally-Enhanced High Power RF LDMOS FETs 350 W, 50 V, 470 - 860 MHz
logo
WOLFSPEED, INC.
PTVA127002EV WOLFSPEED-PTVA127002EV Datasheet
691Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 700 W, 50 V, 1200 – 1400 MHz
Rev. 05, 2023-07-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com