Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTVA047002EV-V1-R0 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # PTVA047002EV-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 700 W, 50 V, 470 – 806 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA047002EV-V1-R0 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  PTVA047002EV-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. PTVA047002EV-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. PTVA047002EV-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. PTVA047002EV-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. PTVA047002EV-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PTVA047002EV-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PTVA047002EV-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PTVA047002EV-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 05, 2018-08-20
5
PTVA047002EV
Reference Circuit (cont.)
Reference Circuit Assembly
DUT
PTVA047002EV V1
Test Fixture Part No.
LTN/PTVA047002EV V1
PCB
Rogers 4350, 0.508 mm [0.020”] thick, 2 oz. copper,
εr = 3.66, ƒ = 470 – 806 MHz
Find Gerber files for this test fixture on the Wolfspeed Web site at http://www.wolfspeed.com/RF
Components Information
Component
Description
Manufacturer
P/N
Input
C101, C102
Capacitor, 12 pF
ATC
ATC800A120JW150XB
C103, C104, C105,
C106, C107
Capacitor, 10 pF
ATC
ATC100A100JW150XB
C108, C109
Capacitor, 100 pF
ATC
ATC100A101JW150XB
C110, C113, C117
Capacitor, 91 pF
ATC
ATC100B910JW500XB
C111, C112, C115, C116
Capacitor, 16 pF
ATC
ATC100A160JW150XB
C114, C118
Capacitor, 10 µF
TDK Corporation
C5750X5R1H106K230KA
R101, R102
Resistor, 10 W
Panasonic Electronic Components
ERJ-8GEYJ100V
R103, R104
Resistor, 5.6 W
Panasonic Electronic Components
ERJ-8GEYJ5R6V
R105
Coax, 25 W
Micro-coax
UT-090C-25
Output
C201
Capacitor, 8.2 pF
ATC
ATC100A8R2JW150XB
C202
Capacitor, 6.8 pF
ATC
ATC100A6R8JW150XB
C203, C205
Capacitor, 4.7 pF
ATC
ATC100A4R7JW150XB
C204
Capacitor, 4.1 pF
ATC
ATC100A4R1JW150XB
C206
Capacitor, 2 pF
ATC
ATC100A2R0JW150XB
C207
Capacitor, 8.2 pF
ATC
ATC100A8R2JW150XB
C208, C210
Capacitor, 100 pF
ATC
ATC100A101JW150XB
C209, C211, C215
Capacitor, 91 pF
ATC
ATC100B910JW150XB
C212, C213, C216, C217
Capacitor, 10 µF
TDK Corporation
C5750X5R1H106K230KA
C214, C218
Capacitor, 100 µF
Cornell Dubilier Electronics (CDE)
SK101M100ST
R201, R202, R203, R204,
R205, R206, R207,R208
Resistor, 1 W
Panasonic Electronic Components
ERJ-8GEYJ1R0V
R209
Coax, 25 W
Micro-coax
UT-090C-25



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com