Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTVA101K02EV-V1-R0 Datasheet(PDF) 3 Page - WOLFSPEED, INC.

Part # PTVA101K02EV-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 1000 W, 50 V, 1030 / 1090 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA101K02EV-V1-R0 Datasheet(HTML) 3 Page - WOLFSPEED, INC.

  PTVA101K02EV-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. PTVA101K02EV-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. PTVA101K02EV-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. PTVA101K02EV-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. PTVA101K02EV-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PTVA101K02EV-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PTVA101K02EV-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PTVA101K02EV-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC. PTVA101K02EV-V1-R0 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
PTVA101K02EV
Rev. 04, 2023-07-07
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Ordering Information
Type and Version
Order Code
Package and Description
Shipping
PTVA101K02EV V1 R0
PTVA101K02EV-V1-R0
H-36275-4, bolt-down
Tape & Reel, 50pcs
PTVA101K02EV V1 R250
PTVA101K02EV-V1-R250
H-36275-4, bolt-down
Tape & Reel, 250pcs
Typical RF Performance (tested with LTN/PTVA101K02EV V1 test fixture, 1030 MHz)
0
10
20
30
40
50
60
2
6
10
14
18
22
26
30
35
40
45
50
55
60
65
Pout (dBm)
Power Sweep, Pulsed RF
VDD = 50 V, IDQ = 150 mA, TCASE = 25°C
ƒ = 1030 MHz
128µs, 10%
128µs, 1%
MODE-S
a101k02ev_1-1
Gain
Efficiency
2
6
10
14
18
22
26
20
24
28
32
36
40
44
48
PIN (dBm)
Power Sweep, Pulsed RF
VDD = 50 V, IDQ = 150 mA, TCASE = 25°C
ƒ = 1030 MHz
128µs, 10%
128µs, 1%
MODE-S
Gain
a101k02ev_1-2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com