Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTVA101K02EV-V1-R0 Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # PTVA101K02EV-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 1000 W, 50 V, 1030 / 1090 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA101K02EV-V1-R0 Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  PTVA101K02EV-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. PTVA101K02EV-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. PTVA101K02EV-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. PTVA101K02EV-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. PTVA101K02EV-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PTVA101K02EV-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PTVA101K02EV-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PTVA101K02EV-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC. PTVA101K02EV-V1-R0 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev. 04, 2023-07-07
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
Thermally-Enhanced High Power RF LDMOS FET
1000 W, 50 V, 1030 / 1090 MHz
Description
The PTVA101K02EV LDMOS FET is designed for use in power amplifier
applications in the 1030 MHz / 1090 MHz frequency band. Features in-
clude high gain and thermally-enhanced package with bolt-down flange.
Manufactured with Wolfspeed's advanced LDMOS process, this device
provides excellent thermal performance and superior reliability.
PTVA101K02EV
Package H-36275-4
Features
• Broadband input matching
• High gain and efficiency
• Integrated ESD protection
• Human Body Model Class 2 (per ANSI/ESDA/JEDEC
JS-001)
• Low thermal resistance
• Pb-free and RoHS compliant
• Capable of withstanding a 10:1 load mismatch
(all phase angles) at 1000 W under MODE–S
pulse condition, (32µS ON / 18µS OFF) X 80,
LTDF = 6.4%.
RF Characteristics
Pulsed RF Performance (tested in Wolfspeed test fixture)
VDD = 50 V, IDQ = 0.15 A, POUT = 900 W, ƒ = 1030 MHz, 128 µs pulse width, 10% duty cycle
Characteristic
Symbol
Min
Typ
Max
Unit
Gain
Gps
17
18
21
dB
Drain Efficiency
hD
62
65
—
%
0
10
20
30
40
50
60
2
6
10
14
18
22
26
30
35
40
45
50
55
60
65
Pout (dBm)
Power Sweep, Pulsed RF
VDD = 50 V, IDQ = 150 mA, TCASE = 25°C
ƒ = 1030 MHz
128µs, 10%
128µs, 1%
MODE-S
a101k02ev_1-1
Gain
Efficiency
PTVA101K02EV


Similar Part No. - PTVA101K02EV-V1-R0

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTVA101K02EV INFINEON-PTVA101K02EV Datasheet
1Mb / 9P
Thermally-Enhanced High Power RF LDMOS FET 1000 W, 50 V, 1030 / 1090 MHz
Rev. 02.1, 2016-04-19
logo
Cree, Inc
PTVA101K02EV CREE-PTVA101K02EV Datasheet
359Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET1000 W, 50 V, 1030 / 1090 MHz
logo
Infineon Technologies A...
PTVA101K02EVV1R0 INFINEON-PTVA101K02EVV1R0 Datasheet
1Mb / 9P
Thermally-Enhanced High Power RF LDMOS FET 1000 W, 50 V, 1030 / 1090 MHz
Rev. 02.1, 2016-04-19
PTVA101K02EVV1R0XTMA1 INFINEON-PTVA101K02EVV1R0XTMA1 Datasheet
1Mb / 9P
Thermally-Enhanced High Power RF LDMOS FET 1000 W, 50 V, 1030 / 1090 MHz
Rev. 02.1, 2016-04-19
PTVA101K02EVV1R250 INFINEON-PTVA101K02EVV1R250 Datasheet
1Mb / 9P
Thermally-Enhanced High Power RF LDMOS FET 1000 W, 50 V, 1030 / 1090 MHz
Rev. 02.1, 2016-04-19
More results

Similar Description - PTVA101K02EV-V1-R0

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTVA120501EA INFINEON-PTVA120501EA Datasheet
1Mb / 10P
Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 ??1400 MHz
Rev. 02.1, 2016-05-26
PTVA101K02EV INFINEON-PTVA101K02EV Datasheet
1Mb / 9P
Thermally-Enhanced High Power RF LDMOS FET 1000 W, 50 V, 1030 / 1090 MHz
Rev. 02.1, 2016-04-19
PTVA120121M INFINEON-PTVA120121M Datasheet
414Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 12 W, 50 V, 500 ??1400 MHz
Rev. 02.1, 2017-02-03
logo
Cree, Inc
PTVA101K02EV CREE-PTVA101K02EV Datasheet
359Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET1000 W, 50 V, 1030 / 1090 MHz
PTVA030121EA CREE-PTVA030121EA Datasheet
423Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 12 W, 50 V, 390 ??450 MHz
PTVA102001EA CREE-PTVA102001EA Datasheet
451Kb / 13P
Thermally-Enhanced High Power RF LDMOS FET 200 W, 50 V, 960 ??1600 MHz
PTVA120501EA CREE-PTVA120501EA Datasheet
683Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 ??1400 MHz
logo
STMicroelectronics
RF5L10111K0CB4 STMICROELECTRONICS-RF5L10111K0CB4 Datasheet
1Mb / 12P
1000 W, 50 V, 1030 to 1090 MHz RF power LDMOS transistor
22-Sep-2021
logo
WOLFSPEED, INC.
PTVA102001EA WOLFSPEED-PTVA102001EA Datasheet
540Kb / 13P
Thermally-Enhanced High Power RF LDMOS FET 200 W, 50 V, 960 – 1600 MHz
Rev. 05, 2023-07-10
PTVA120501EA WOLFSPEED-PTVA120501EA Datasheet
695Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 – 1400 MHz
Rev. 04, 2023-07-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com