Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTVA101K02EV-V1-R0 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # PTVA101K02EV-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 1000 W, 50 V, 1030 / 1090 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA101K02EV-V1-R0 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  PTVA101K02EV-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. PTVA101K02EV-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. PTVA101K02EV-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. PTVA101K02EV-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. PTVA101K02EV-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PTVA101K02EV-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PTVA101K02EV-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PTVA101K02EV-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC. PTVA101K02EV-V1-R0 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
PTVA101K02EV
Rev. 04, 2023-07-07
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Broadband Circuit Impedance
Z Source
Z Load
G
D
G
S
D
Note: Measurement on single side.
Freq
[MHz]
Z Source W
Z Load W
R
jX
R
jX
1030
2.00
1.51
1.48
0.07
1090
2.35
0.64
1.12
–0.28
Each Side Load Pull Performance –16 µs pulse width, 10% duty cycle, class AB, VDD = 50 V, 100 mA
Max Output Power
Max Efficiency
Z Optimum
Freq
[MHz]
POUT
[dBm]
POUT
[W]
Eff
[%]
Gain
[dB]
ZLoad
[W]
POUT
[dBm]
POUT
[W]
Eff
[%]
Gain
[dB]
ZLoad
[W]
POUT
[dBm]
POUT
[W]
Eff
[%]
Gain
[dB]
ZLoad
[W]
ZSource
[W]
960
58.10 645.65 61.90 16.46
1.14 – j0.08
56.00 398.11 72.20 18.68
0.79 + j0.69
57.50 562.34 68.00 17.50
0.91 + j0.33
1.41 – j1.62
1030 57.80 602.56 55.60 16.00
0.91 – j0.08
56.00 398.11 71.00 18.80
0.71 + j0.66
57.10 512.86 65.00 17.50
0.78 + j0.34
1.76 – j2.12
1090 57.90 616.60 61.80 16.95
0.95 + j0.27
56.20 416.87 69.80 18.68
0.83 + j0.90
57.40 549.54 65.70 17.73
0.87 + j0.62
2.34 – j2.39
1150 57.36 544.50 50.52 15.80
1.11 + j0.12
56.90 489.78 65.00 17.63
0.94 + j0.76
57.20 524.81 61.20 17.00
1.01 + j0.48
3.21 – j1.47
1215 57.26 532.11 53.90 15.60
1.20 + j0.01
55.40 346.74 62.30 17.46
0.59 + j0.81
56.70 467.74 58.45 16.60
0.88 + j0.49
2.37 – j0.84
Load Pull Performance



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com