Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTVA101K02EV-V1-R0 Datasheet (PDF) - WOLFSPEED, INC.

PTVA101K02EV-V1-R0 Datasheet PDF - WOLFSPEED, INC.
Part # PTVA101K02EV-V1-R0
Download  PTVA101K02EV-V1-R0 Download
File Size   511.01 Kbytes
Page   9 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Thermally-Enhanced High Power RF LDMOS FET 1000 W, 50 V, 1030 / 1090 MHz

PTVA101K02EV-V1-R0 Datasheet (PDF)

Go To PDF Page Download Datasheet
PTVA101K02EV-V1-R0 Datasheet PDF - WOLFSPEED, INC.

Part # PTVA101K02EV-V1-R0
Download  PTVA101K02EV-V1-R0 Click to download

File Size   511.01 Kbytes
Page   9 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Thermally-Enhanced High Power RF LDMOS FET 1000 W, 50 V, 1030 / 1090 MHz

PTVA101K02EV-V1-R0 Datasheet (HTML) - WOLFSPEED, INC.


PTVA101K02EV-V1-R0 Product details

Description
The PTVA101K02EV LDMOS FET is designed for use in power amplifier
applications in the 1030 MHz / 1090 MHz frequency band. Features include high gain and thermally-enhanced package with bolt-down flange.
Manufactured with Wolfspeed's advanced LDMOS process, this device
provides excellent thermal performance and superior reliability.
Features
• Broadband input matching
• High gain and efficiency
• Integrated ESD protection
• Human Body Model Class 2 (per ANSI/ESDA/JEDEC
JS-001)
• Low thermal resistance
• Pb-free and RoHS compliant
• Capable of withstanding a 10:1 load mismatch
(all phase angles) at 1000 W under MODE–S
pulse condition, (32µS ON / 18µS OFF) X 80,
LTDF = 6.4%.




Similar Part No. - PTVA101K02EV-V1-R0

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTVA101K02EV INFINEON-PTVA101K02EV Datasheet
1Mb / 9P
Thermally-Enhanced High Power RF LDMOS FET 1000 W, 50 V, 1030 / 1090 MHz
Rev. 02.1, 2016-04-19
logo
Cree, Inc
PTVA101K02EV CREE-PTVA101K02EV Datasheet
359Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET1000 W, 50 V, 1030 / 1090 MHz
logo
Infineon Technologies A...
PTVA101K02EVV1R0 INFINEON-PTVA101K02EVV1R0 Datasheet
1Mb / 9P
Thermally-Enhanced High Power RF LDMOS FET 1000 W, 50 V, 1030 / 1090 MHz
Rev. 02.1, 2016-04-19
PTVA101K02EVV1R0XTMA1 INFINEON-PTVA101K02EVV1R0XTMA1 Datasheet
1Mb / 9P
Thermally-Enhanced High Power RF LDMOS FET 1000 W, 50 V, 1030 / 1090 MHz
Rev. 02.1, 2016-04-19
PTVA101K02EVV1R250 INFINEON-PTVA101K02EVV1R250 Datasheet
1Mb / 9P
Thermally-Enhanced High Power RF LDMOS FET 1000 W, 50 V, 1030 / 1090 MHz
Rev. 02.1, 2016-04-19
More results


Similar Description - PTVA101K02EV-V1-R0

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTVA120501EA INFINEON-PTVA120501EA Datasheet
1Mb / 10P
Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 ??1400 MHz
Rev. 02.1, 2016-05-26
PTVA101K02EV INFINEON-PTVA101K02EV Datasheet
1Mb / 9P
Thermally-Enhanced High Power RF LDMOS FET 1000 W, 50 V, 1030 / 1090 MHz
Rev. 02.1, 2016-04-19
PTVA120121M INFINEON-PTVA120121M Datasheet
414Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 12 W, 50 V, 500 ??1400 MHz
Rev. 02.1, 2017-02-03
logo
Cree, Inc
PTVA101K02EV CREE-PTVA101K02EV Datasheet
359Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET1000 W, 50 V, 1030 / 1090 MHz
PTVA030121EA CREE-PTVA030121EA Datasheet
423Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 12 W, 50 V, 390 ??450 MHz
PTVA102001EA CREE-PTVA102001EA Datasheet
451Kb / 13P
Thermally-Enhanced High Power RF LDMOS FET 200 W, 50 V, 960 ??1600 MHz
PTVA120501EA CREE-PTVA120501EA Datasheet
683Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 ??1400 MHz
logo
STMicroelectronics
RF5L10111K0CB4 STMICROELECTRONICS-RF5L10111K0CB4 Datasheet
1Mb / 12P
1000 W, 50 V, 1030 to 1090 MHz RF power LDMOS transistor
22-Sep-2021
logo
WOLFSPEED, INC.
PTVA102001EA WOLFSPEED-PTVA102001EA Datasheet
540Kb / 13P
Thermally-Enhanced High Power RF LDMOS FET 200 W, 50 V, 960 – 1600 MHz
Rev. 05, 2023-07-10
PTVA120501EA WOLFSPEED-PTVA120501EA Datasheet
695Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 50 W, 50 V, 1200 – 1400 MHz
Rev. 04, 2023-07-10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com