Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTVA101K02EV-V1-R0 Datasheet(PDF) 7 Page - WOLFSPEED, INC.

Part # PTVA101K02EV-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 1000 W, 50 V, 1030 / 1090 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTVA101K02EV-V1-R0 Datasheet(HTML) 7 Page - WOLFSPEED, INC.

  PTVA101K02EV-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. PTVA101K02EV-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. PTVA101K02EV-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. PTVA101K02EV-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. PTVA101K02EV-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PTVA101K02EV-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PTVA101K02EV-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PTVA101K02EV-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC. PTVA101K02EV-V1-R0 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
PTVA101K02EV
Rev. 04, 2023-07-07
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Reference Circuit (cont.)
DUT
Test Fixture Part No.
PCB
Frequency (MHz)
PTVA101K02EV
LTN/PTVA101K02EV V1
Rogers 6006, 0.635 mm [0.025”] thick, 2 oz.
copper, εr = 6.15
1030 MHz
PTVA101K02EV
LTN/PTVA101K02EV E4
Rogers 6006, 0.635 mm [0.025”] thick, 2 oz.
copper, εr = 6.15
1090 MHz
PTVA101K02EV
LTN/PTVA101K02EV E6
Rogers 3010, 0.635 mm [0.025”] thick, 2 oz.
copper, εr = 10.2
1090 MHz
PTVA101K02EV
LTN/PTVA101K02EV E8
Rogers 3010, 0.635 mm [0.025”] thick, 2 oz.
copper, εr = 10.2
1030 MHz
Reference Circuit Assembly
Components Information
Component
Description
Suggested Manufacturer
P/N
Input
C101, C106
Capacitor, 10 µF
TDK Corporation
C5750X5R1H106K230KA
C102, C105, C107,
C108
Capacitor, 39 pF
ATC
ATC100B390KW500XB
C103, C104
Capacitor, 1 µF
TDK Corporation
C4532X7R2A105M230KA
C801, C802, C803,
C804
Capacitor, 1000 pF
Panasonic Electronic Components
ECJ-1VB1H102K
R101, R104, R801,
R807
Resistor, 10 Ohm
Panasonic Electronic Components
ERJ-8GEYJ100V
R102, R103
Resistor, 100 Ohm
Panasonic Electronic Components
ERJ-8GEYJ101V
R802, R808
Resistor, 6200 Ohm
Panasonic Electronic Components
ERJ-8GEYJ623V
R803, R809
Resistor, 1300 Ohm
Panasonic Electronic Components
ERJ-3GEYJ132V
R804, R810
Resistor, 1200 Ohm
Panasonic Electronic Components
ERJ-3GEYJ122V
R805, R806, R811,
R812
Resistor, 2000 Ohm
Panasonic Electronic Components
ERJ-8GEYJ202V
S1, S4
Transistor
Infineon Technologies
BCP56
S2, S5
Voltage regulator
National Semiconductor
LM7805
S3, S6
Potentiometer, 2k ohm
Bourns Inc.
3224W-202ECT-ND
Output
C201, C202, C203,
C214
Capacitor, 39 pF
ATC
ATC100B390KW500XB
C204, C209
Capacitor, 100 µF
Panasonic Electronic Components
EEV-HD1V101P
C205, C211
Capacitor, 22 µF
Cornell Dubilier Electronics (CDE)
SEK220M100ST
C206, C210
Capacitor, 1 µF
TDK Corporation
C4532X7R2A105M230KA
C207, C213
Capacitor, 100 µF
Cornell Dubilier Electronics (CDE)
SK101M100ST
C208, C212
Capacitor, 10 µF
TDK Corporation
C5750X5R1H106K230KA
C215, C216
Capacitor, 6800 µF
Panasonic Electronic Components
ECO-S2AP682EA
R201, R202
Resistor, 5600 Ohm
Panasonic Electronic Components
ERJ-8GEYJ562V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com