Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAC210552FC-V1-R2 Datasheet(PDF) 3 Page - WOLFSPEED, INC.

Part # PXAC210552FC-V1-R2
Description  Thermally-Enhanced High Power RF LDMOS FET 55 W, 28 V, 1805 – 2170 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PXAC210552FC-V1-R2 Datasheet(HTML) 3 Page - WOLFSPEED, INC.

  PXAC210552FC-V1-R2 Datasheet HTML 1Page - WOLFSPEED, INC. PXAC210552FC-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. PXAC210552FC-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. PXAC210552FC-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. PXAC210552FC-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. PXAC210552FC-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. PXAC210552FC-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. PXAC210552FC-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC. PXAC210552FC-V1-R2 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 05, 2023-06-28
3
PXAC210552FC
-80
-60
-40
-20
0
20
40
60
80
0
4
8
12
16
20
24
28
32
29
33
37
41
45
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 26 V, IDQ = 120 mA, ƒ = 2110 MHz
3GPP WCDMA signal,
10 dB PAR, 3.84 MHz bandwidth
Gain
Efficiency
PAR @ 0.01% CCDF
c210552fc-gr1a
-80
-60
-40
-20
0
20
40
60
80
0
4
8
12
16
20
24
28
32
29
33
37
41
45
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 26 V, IDQ = 120 mA, ƒ = 2140 MHz
3GPP WCDMA signal,
10 dB PAR, 3.84 MHz bandwidth
Gain
Efficiency
PAR @ 0.01% CCDF
c210552fc-gr1b
10
20
30
40
50
60
70
-60
-50
-40
-30
-20
-10
0
27
31
35
39
43
47
Average Output Power (dBm)
Single-carrier WCDMA 3GPP Drive-up
VDD = 26 V, IDQ = 120 mA,
ƒ = 2110, 2140, 2170 MHz
3GPP WCDMA signal,
10 dB PAR, 3.84 MHz bandwidth
c210552fc-gr2d
Efficiency
ACP Up
ACP Low
2110 MHz
2140 MHz
2170 MHz
25
30
35
40
45
50
55
5
10
15
20
1950
2050
2150
2250
2350
Frequency (MHz)
Single-carrier WCDMA
Broadband Performance
VDD = 26 V, IDQ = 120 mA, POUT = 39 dBm,
3GPP WCDMA signal, 10 dB PAR
c210552fc-gr3
c210552fc-gr3
Efficiency
Gain
Typical Performance (data taken in Wolfspeed Doherty reference test fixture)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com