Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAC210552FC-V1-R2 Datasheet(PDF) 7 Page - WOLFSPEED, INC.

Part # PXAC210552FC-V1-R2
Description  Thermally-Enhanced High Power RF LDMOS FET 55 W, 28 V, 1805 – 2170 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PXAC210552FC-V1-R2 Datasheet(HTML) 7 Page - WOLFSPEED, INC.

Back Button PXAC210552FC-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. PXAC210552FC-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. PXAC210552FC-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. PXAC210552FC-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. PXAC210552FC-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. PXAC210552FC-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. PXAC210552FC-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC. PXAC210552FC-V1-R2 Datasheet HTML 9Page - WOLFSPEED, INC. PXAC210552FC-V1-R2 Datasheet HTML 10Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 05, 2023-06-28
7
PXAC210552FC
Reference circuit assembly diagram (not to scale)
Component Information
Component
Description
Manufacturer
P/N
Input
C101, C103, C105,
C106
Capacitor, 18 pF
ATC
ATC600F180GW250T
C102
Capacitor, 0.5 pF
ATC
ATC600F0R5CW250T
C104
Capacitor, 0.8 pF
ATC
ATC600F0R8CW250T
C107, C108
Capacitor, 10 µF
Taiyo Yuden
UMK325C7106MM-T
R101
Termination, 50 ohms
Anaren
C8A50Z4A
R102, R103
Resistor, 10 ohms
Panasonic
ERJ-3GEYJ100V
U1
Hybrid coupler
Anaren
X3C21P1-03S
PXAC210552FC_OUT_01
RO4350, .020 (61)
PXAC210552FC_IN_01
RO4350, .020 (60)
RF_IN
RF_OUT
C105
R103
C102
C108
C101
S1
R101
C103
R102
C106
C107
C207
C205
C206
C204
C201
C203
C202
C210
C213
C211
C209
VDD
VDD
C208
VGG
VGG
C214
C212
C215
C104
p x a c 2 1 0 5 5 2 f c _ C D _ 1 1 - 2 3 - 1 5
Reference Circuit (cont.)
table continued next page



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com