Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAC210552FC-V1-R2 Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # PXAC210552FC-V1-R2
Description  Thermally-Enhanced High Power RF LDMOS FET 55 W, 28 V, 1805 – 2170 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PXAC210552FC-V1-R2 Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  PXAC210552FC-V1-R2 Datasheet HTML 1Page - WOLFSPEED, INC. PXAC210552FC-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. PXAC210552FC-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. PXAC210552FC-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. PXAC210552FC-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. PXAC210552FC-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. PXAC210552FC-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. PXAC210552FC-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC. PXAC210552FC-V1-R2 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 05, 2023-06-28
4
PXAC210552FC
-30
-25
-20
-15
-10
-5
-35
-33
-30
-28
-25
-23
1950
2050
2150
2250
2350
Frequency (MHz)
Single-carrier WCDMA
Broadband Performance
VDD = 26 V, IDQ = 120 mA, POUT = 39 dBm,
3GPP WCDMA signal, 10 dB PAR
c210552fc-gr4
Input Return Loss
ACP Up
10
20
30
40
50
60
70
13
14
15
16
17
18
19
25
30
35
40
45
50
55
Output Power (dBm)
CW Performance
at selected VDD
IDQ = 120 mA, ƒ = 2110 MHz
Gain
Efficiency
c210552fc-gr6a
22 VDD
26 VDD
30 VDD
10
20
30
40
50
60
70
13
14
15
16
17
18
19
25
30
35
40
45
50
55
Output Power (dBm)
CW Performance
at selected VDD
IDQ = 120 mA, ƒ = 2140 MHz
Gain
Efficiency
c210552fc-gr6b
22 VDD
26 VDD
30 VDD
10
20
30
40
50
60
70
13
14
15
16
17
18
19
25
30
35
40
45
50
55
Output Power (dBm)
CW Performance
at selected VDD
IDQ = 120 mA, ƒ = 2170 MHz
Gain
Efficiency
c210552fc-gr6c
22 VDD
26 VDD
30 VDD
Typical Performance (cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com