Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAC210552FC-V1-R2 Datasheet(PDF) 6 Page - WOLFSPEED, INC.

Part # PXAC210552FC-V1-R2
Description  Thermally-Enhanced High Power RF LDMOS FET 55 W, 28 V, 1805 – 2170 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PXAC210552FC-V1-R2 Datasheet(HTML) 6 Page - WOLFSPEED, INC.

Back Button PXAC210552FC-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. PXAC210552FC-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. PXAC210552FC-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. PXAC210552FC-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. PXAC210552FC-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. PXAC210552FC-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. PXAC210552FC-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC. PXAC210552FC-V1-R2 Datasheet HTML 9Page - WOLFSPEED, INC. PXAC210552FC-V1-R2 Datasheet HTML 10Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 05, 2023-06-28
6
PXAC210552FC
Reference Circuit, tuned for 2110 – 2170 MHz
DUT
PXAC210552FC
Test Fixture Part No.
LTA/PXAC210552FC V1
PCB
Rogers 4350, 0.508 mm [.020"] thick, 2 oz. copper,
εr = 3.66
Find Gerber files for this reference fixture on the Wolfspeed Web site at
www.wolfspeed.com/RF
Load Pull Performance
Main side pulsed CW signal: 160 µsec, 10% duty cycle, VDD = 26 V, IDQ = 120 mA
P1dB
Class AB
Max Output Power
Max PAE
Freq
[MHz]
Zs
[
W]
Zl
[
W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
PAE
[%]
Zl
[
W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
PAE
[%]
2110
19.70 – j30.49
11.34 – j3.06
20.9
43.74
23.7
59.4
11.02 – j3.49
22.3
42.70
18.6
66.0
2140
17.03 – j36.14
9.73 – j2.15
20.9
43.48
22.3
58.6
9.78 – j3.58
22.9
42.26
16.8
64.6
2170
34.36 – j32.08
10.27 – j2.68
20.8
43.71
23.5
58.4
9.47 – j3.32
22.5
42.53
17.9
64.6
Peak side pulsed CW signal: 160 µsec, 10% duty cycle, VDD = 26 V, VGS(peak) = 1.5 V
P1dB
Class C
Max Output Power
Max PAE
Freq
[MHz]
Zs
[
W]
Zl
[
W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
PAE
[%]
Zl
[
W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
PAE
[%]
2110
9.80 – j12.90
3.28 – j4.71
15.5
47.56
57.0
60.7
4.00 – j1.52
16.5
45.6
36.3
71.8
2140
10.71 – j17.59
3.51 – j5.03
16.0
47.50
56.2
60.7
3.88 – j1.93
17.0
45.9
38.7
71.3
2170
15.51 – j13.51
3.58 – j5.14
15.6
47.53
56.6
60.0
3.69 – j1.47
16.6
45.4
34.9
70.9
Z Source
Z Load
S
G1
G2
D1
D2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com