Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAC210552FC-V1-R2 Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # PXAC210552FC-V1-R2
Description  Thermally-Enhanced High Power RF LDMOS FET 55 W, 28 V, 1805 – 2170 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PXAC210552FC-V1-R2 Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  PXAC210552FC-V1-R2 Datasheet HTML 1Page - WOLFSPEED, INC. PXAC210552FC-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. PXAC210552FC-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. PXAC210552FC-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. PXAC210552FC-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. PXAC210552FC-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. PXAC210552FC-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. PXAC210552FC-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC. PXAC210552FC-V1-R2 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 0
5, 2023-06-28
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
PXAC210552FC
Package H-37248-4
Thermally-Enhanced High Power RF LDMOS FET
55 W, 28 V, 1805 – 2170 MHz
Description
The PXAC210552FC is a 55-watt LDMOS FET with an asymmetric
design for use in multi-standard cellular power amplifier applications
in the 1805 to 2170 MHz frequency band. It features dual-path design,
input and output matching, and a thermally-enhanced package with
earless flange. Manufactured with Wolfspeed's advanced LDMOS
process, this device provides excellent thermal performance and
superior reliability.
Features
• Broadband internal matching
• Asymmetric Doherty design
- Main: P1dB = 20 W Typ
- Peak: P1dB = 35 W Typ
• CW performance, 2170 MHz, 26 V
- Output power at P1dB = 27 W
- Gain = 17 dB
- Efficiency = 59%
• Integrated ESD protection
• ESD: Human Body Model, Class 1B (per ANSI/
ESDA/JEDEC JS-001)
• Capable of handling 10:1 VSWR @28 V, 55 W
(CW) output power
• Low thermal resistance
• Pb-free and RoHS compliant
RF Characteristics
Single-carrier WCDMA Specifications (tested in Wolfspeed Doherty test fixture)
VDD = 26 V, VGS(peak) = 1.5 V, IDQ = 120 mA, POUT = 39 dBm average, ƒ = 2170 MHz. 3GPP WCDMA signal: 3.84 MHz
bandwidth, 10 dB PAR @0.01% CCDF.
Characteristic
Symbol
Min
Typ
Max
Unit
Linear Gain
Gps
16
17.2
—
dB
Drain Efficiency
hD
46
49
—
%
Adjacent Channel Power Ratio
ACPR
—
–29
–25
dBc
-80
-60
-40
-20
0
20
40
60
80
0
4
8
12
16
20
24
28
32
29
33
37
41
45
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 26 V, IDQ = 120 mA, ƒ = 2170 MHz
3GPP WCDMA signal,
10 dB PAR, 3.84 MHz bandwidth
Gain
Efficiency
PAR @ 0.01% CCDF
c210552fc-gr1c
PXAC210552FC


Similar Part No. - PXAC210552FC-V1-R2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXAC210552FC INFINEON-PXAC210552FC Datasheet
206Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 55 W, 28 V, 1805 ??2170 MHz
Rev. 02, 2015-12-04
logo
Cree, Inc
PXAC210552FC CREE-PXAC210552FC Datasheet
600Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 55 W, 28 V, 1805 ??2170 MHz
More results

Similar Description - PXAC210552FC-V1-R2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXAC182002FC INFINEON-PXAC182002FC_16 Datasheet
1Mb / 8P
Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
Rev. 02.3, 2016-06-17
PXAC200902FC INFINEON-PXAC200902FC Datasheet
489Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 90 W, 28 V, 1805 ??2170 MHz
Rev. 02.1, 2016-02-11
PXAC210552FC INFINEON-PXAC210552FC Datasheet
206Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 55 W, 28 V, 1805 ??2170 MHz
Rev. 02, 2015-12-04
PXAC210552MD INFINEON-PXAC210552MD Datasheet
466Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 55 W, 28 V, 1805 ??2170 MHz
Rev. 03.1, 2017-01-25
PXAC210552ND INFINEON-PXAC210552ND Datasheet
466Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 55 W, 28 V, 1805 ??2170 MHz
Rev. 04.1, 2017-01-09
logo
Cree, Inc
PXAE184408NB CREE-PXAE184408NB Datasheet
1Mb / 6P
Thermally-Enhanced High Power RF LDMOS FET 450 W, 28 V, 1805 ??1880 MHz
PXAC182002FC CREE-PXAC182002FC Datasheet
495Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
PXAC210552FC CREE-PXAC210552FC Datasheet
600Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 55 W, 28 V, 1805 ??2170 MHz
PTAC210802FC CREE-PTAC210802FC Datasheet
719Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 80 W, 28 V, 1805 ??2170 MHz
PXAC200902FC CREE-PXAC200902FC Datasheet
600Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 90 W, 28 V, 1805 - 2170 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com