Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXFC191507FC-V1-R0 Datasheet(PDF) 2 Page - WOLFSPEED, INC.

Part # PXFC191507FC-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 1805 – 1990 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PXFC191507FC-V1-R0 Datasheet(HTML) 2 Page - WOLFSPEED, INC.

  PXFC191507FC-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. PXFC191507FC-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. PXFC191507FC-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. PXFC191507FC-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. PXFC191507FC-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PXFC191507FC-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PXFC191507FC-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PXFC191507FC-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 04, 2023-06-28
2
PXFC191507FC
DC Characteristics (each side)
Characteristic
Conditions
Symbol
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VGS = 0 V, IDS = 10 mA
V(BR)DSS
65
—
—
V
Drain Leakage Current
VDS = 28 V, VGS = 0 V
IDSS
—
0.05
1
µA
VDS = 63 V, VGS = 0 V
IDSS
—
—
10
µA
On-State Resistance
VGS = 10 V, VDS = 0.1 V
RDS(on)
—
0.05
—
W
Operating Gate Voltage
VDS = 26 V, IDQ = 960 mA
VGS
2.3
2.6
2.9
V
Gate Leakage Current
VGS = 10 V, VDS = 0 V
IGSS
—
—
1
µA
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDSS
65
V
Gate-Source Voltage
VGS
–6 to +10
V
Operating Voltage
VDD
0 to +32
V
Junction Temperature
TJ
225
°C
Storage Temperature Range
TSTG
–65 to +150
°C
Thermal Resistance (TCASE = 70°C, 140 W CW)
RqJC
0.43
°C/W
Ordering Information
Type and Version
Order Code
Package Description
Shipping
PXFC191507FC V1 R0
PXFC191507FC-V1-R0
H-37248G-4/2, earless flange
Tape & Reel, 50 pcs
PXFC191507FC V1 R250
PXFC191507FC-V1-R250
H-37248G-4/2, earless flange
Tape & Reel, 250 pcs
not
recommended
for
new
design



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com