Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXFC191507FC-V1-R0 Datasheet(PDF) 3 Page - WOLFSPEED, INC.

Part # PXFC191507FC-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 1805 – 1990 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PXFC191507FC-V1-R0 Datasheet(HTML) 3 Page - WOLFSPEED, INC.

  PXFC191507FC-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. PXFC191507FC-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. PXFC191507FC-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. PXFC191507FC-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. PXFC191507FC-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PXFC191507FC-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PXFC191507FC-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PXFC191507FC-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 04, 2023-06-28
3
PXFC191507FC
Typical Performance (data taken in a production test fixture)
0
10
20
30
40
50
60
-65
-55
-45
-35
-25
-15
-5
29
33
37
41
45
49
53
Output Power (dBm)
Two-carrier WCDMA Drive-up
VDD = 28 V, IDQ = 960 mA, VGS = 2.65 V,
ƒ = 1990 MHz, 3GPP WCDMA signal,
PAR = 8 dB, 10 MHz carrier spacing,
BW 3.84 MHz
IMD Low
IMD Up
ACPR
Efficiency
c191507fc_g2
-60
-50
-40
-30
-20
-10
29
33
37
41
45
49
53
Output Power (dBm)
Two-carrier WCDMA Drive-up
VDD = 28 V, IDQ = 960 mA, VGS = 2.65V,
3GPP WCDMA signal, PAR = 8 dB,
10 MHz carrier spacing, BW 3.84 MHz
1930 IMDL
1930 IMDU
1960 IMDL
1960 IMDU
1990 IMDL
c191507fc_g3
0
10
20
30
40
50
60
16
17
18
19
20
21
22
30
35
40
45
50
55
Output Power (dBm)
Pulsed CW Performance
VDD = 28 V, IDQ = 960 mA
1930 Gain
1960 Gain
1990 Gain
1930 Eff
1960 Eff
1990 Eff
Gain
Efficiency
c191507fc_g4
0
10
20
30
40
50
60
16
17
18
19
20
21
22
27
32
37
42
47
52
57
Output Power (dBm)
Pulsed CW Performance
at various VDD
IDQ = 960 mA, ƒ = 1990 MHz
Gain
Efficiency
c191507fc_g5
VDD = 24 V Gain
VDD = 28 V Gain
VDD = 32 V Gain
VDD = 24 V Eff
VDD = 28 V Eff
VDD = 32 V Eff
not
recommended
for
new
design



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com