Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXFC191507FC-V1-R0 Datasheet(PDF) 6 Page - WOLFSPEED, INC.

Part # PXFC191507FC-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 1805 – 1990 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PXFC191507FC-V1-R0 Datasheet(HTML) 6 Page - WOLFSPEED, INC.

  PXFC191507FC-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. PXFC191507FC-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. PXFC191507FC-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. PXFC191507FC-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. PXFC191507FC-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PXFC191507FC-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PXFC191507FC-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PXFC191507FC-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 04, 2023-06-28
6
PXFC191507FC
Reference Circuit (cont.)
Reference Circuit Assembly
DUT
PXFC191507FC V1
Test Fixture Part No.
LTN/PXFC191507FC V1
PCB
Rogers 4350, 0.508 mm [0.020”] thick, 2 oz. copper,
εr = 3.66, ƒ = 1930 – 1990 MHz
Find Gerber files for this test fixture on the Wolfspeed Web site at www.wolfspeed.com/RF
Components Information
Component
Description
Suggested Manufacturer
P/N
Input
C101, C104, C105,
Capacitor, 33 pF
ATC
ATC800A330JT250
C102, C106
Capacitor, 10 µF
Taiyo Yuden
UMK325C7106MM-T
C103
Capacitor, 1.0 pF
ATC
ATC800A1R0BT250
C801, C802, C803
Capacitor, 1000 pF
Panasonic Electronic Components
ECJ-1VB1H102K
R101, R102, R805
Capacitor, 10 ohms
Panasonic Electronic Components
ERJ-8GEYJ100V
R801
Resistor, 1200 Ohm
Panasonic Electronic Components
ERJ-3GEYJ122V
R802
Resistor, 1300 Ohm
Panasonic Electronic Components
ERJ-3GEYJ132V
R803, R804
Capacitor, 100 ohms
Panasonic Electronic Components
ERJ-8GEYJ101V
S1
Transistor
Infineon Technologies
BCP56
S2
Potentiometer, 2k W
Bourns Inc.
3224W-1-202E
S3
Voltage Regulator
Texas Instruments
LM7805
Output
C201, C202, C203,
C204, C205, C206,
C207, C208
Capacitor, 10 µF
Taiyo Yuden
UMK325C7106MM-T
C209, C210
Capacitor, 220 µF
Panasonic Electronic Components
EEE-FP1V221AP
C211, C212, C213
Capacitor, 0.3 pF
ATC
ATC800A0R3BT250
C214
Capacitor, 33 pF
ATC
ATC800A330JT250
not
recommended
for
new
design



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com