Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXFC191507FC-V1-R0 Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # PXFC191507FC-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 1805 – 1990 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PXFC191507FC-V1-R0 Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  PXFC191507FC-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. PXFC191507FC-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. PXFC191507FC-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. PXFC191507FC-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. PXFC191507FC-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PXFC191507FC-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PXFC191507FC-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PXFC191507FC-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 0
4, 2023-06-28
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
Thermally-Enhanced High Power RF LDMOS FET
150 W, 28 V, 1805 – 1990 MHz
Description
The PXFC191507FC is a 150-watt LDMOS FET intended for use
in multi-standard cellular power amplifier applications in the 1805
to 1990 MHz frequency band. Features include input and output
matching, high gain and thermally-enhanced package with earless
flanges. Manufactured with Wolfspeed's advanced LDMOS process,
this device provides excellent thermal performance and superior
reliability.
PXFC191507FC
Package H-37248G-4/2
RF Characteristics
Two-carrier WCDMA Specifications (tested in Wolfspeed production test fixture)
VDD = 28 V, IDQ = 960 mA, POUT = 32 W avg, ƒ1 = 1980 MHz, ƒ2 = 1990 MHz, 3GPP signal, channel bandwidth = 3.84 MHz,
peak/average = 8 dB @ 0.01% CCDF
Characteristic
Symbol
Min
Typ
Max
Unit
Gain
Gps
19
20.5
—
dB
Drain Efficiency
hD
29
31
—
%
Intermodulation Distortion
IMD
—
–33
–31
dBc
Features
• Broadband internal input and output matching
• Typical Pulsed CW performance, 1990 MHz, 28 V,
10 µs pulse width, 10% duty cycle, class AB test
- Output power at P1dB = 140 W
- Efficiency = 54%
- Gain = 19.5 dB
• Typical single-carrier WCDMA performance,
1990 MHz, 28 V, 10 dB PAR @ 0.01% CCDF, Test
Model 1 with 16DPCH
- Output power = 32 W avg
- Efficiency = 34%
- Gain = 20 dB
- ACPR = –31 dBc@ 5 MHz
• Capable of handling 10:1 VSWR @28 V, 150 W
(CW) output power
• Integrated ESD protection : Human Body Model,
Class 1C (per JESD22-A114)
• Low thermal resistance
• Pb-free and RoHS compliant
0
10
20
30
40
50
60
16
17
18
19
20
21
22
29
33
37
41
45
49
53
Output Power (dBm)
Two-carrier WCDMA Drive-up
VDD = 28 V, IDQ = 960 mA, VGS = 2.65 V,
ƒ = 1990 MHz, 3GPP WCDMA signal,
PAR = 8 dB, 10 MHz carrier spacing,
BW 3.84 MHz
Gain
Efficiency
c191507fc_g1
PXFC191507FC
not
recommended
for
new
design


Similar Part No. - PXFC191507FC-V1-R0

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXFC191507FC INFINEON-PXFC191507FC Datasheet
818Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-08-26
logo
Cree, Inc
PXFC191507FC CREE-PXFC191507FC Datasheet
517Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 1805 ??1990 MHz
logo
Infineon Technologies A...
PXFC191507FCV1R0 INFINEON-PXFC191507FCV1R0 Datasheet
1Mb / 8P
Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 1805 ??1990 MHz
Rev. 02.1, 2016-06-22
PXFC191507FCV1R0XTMA1 INFINEON-PXFC191507FCV1R0XTMA1 Datasheet
1Mb / 8P
Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 1805 ??1990 MHz
Rev. 02.1, 2016-06-22
PXFC191507FCV1R250 INFINEON-PXFC191507FCV1R250 Datasheet
1Mb / 8P
Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 1805 ??1990 MHz
Rev. 02.1, 2016-06-22
More results

Similar Description - PXFC191507FC-V1-R0

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXFC192207FH INFINEON-PXFC192207FH_16 Datasheet
1Mb / 9P
Thermally-Enhanced High Power RF LDMOS FET 220 W, 28 V, 1805 ??1990 MHz
Rev. 04.1, 2016-06-22
PXFC191507FC INFINEON-PXFC191507FC_16 Datasheet
1Mb / 8P
Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 1805 ??1990 MHz
Rev. 02.1, 2016-06-22
PXAC182002FC INFINEON-PXAC182002FC_16 Datasheet
1Mb / 8P
Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
Rev. 02.3, 2016-06-17
PXAC200902FC INFINEON-PXAC200902FC Datasheet
489Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 90 W, 28 V, 1805 ??2170 MHz
Rev. 02.1, 2016-02-11
logo
Cree, Inc
PXAE184408NB CREE-PXAE184408NB Datasheet
1Mb / 6P
Thermally-Enhanced High Power RF LDMOS FET 450 W, 28 V, 1805 ??1880 MHz
PXAC182002FC CREE-PXAC182002FC Datasheet
495Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
PXAC210552FC CREE-PXAC210552FC Datasheet
600Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 55 W, 28 V, 1805 ??2170 MHz
PXFC191507FC CREE-PXFC191507FC Datasheet
517Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 1805 ??1990 MHz
PXFC192207FH CREE-PXFC192207FH Datasheet
662Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 220 W, 28 V, 1805 - 1990 MHz
logo
WOLFSPEED, INC.
PXFC192207FH WOLFSPEED-PXFC192207FH Datasheet
763Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 220 W, 28 V, 1805 – 1990 MHz
Rev. 07, 2023-06-28
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com