Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXFC191507FC-V1-R0 Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # PXFC191507FC-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 1805 – 1990 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PXFC191507FC-V1-R0 Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  PXFC191507FC-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. PXFC191507FC-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. PXFC191507FC-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. PXFC191507FC-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. PXFC191507FC-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PXFC191507FC-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PXFC191507FC-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PXFC191507FC-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 04, 2023-06-28
4
PXFC191507FC
Typical Performance (cont.)
Broadband Circuit Impedance
Z Source
Z Load
G
S
D
Load Pull Performance
Main Side Load Pull Performance – Pulsed CW signal: 100 µs, 10% duty cycle, VDD = 28 V, IDQ = 960 mA
P1dB
Max Output Power
Max PAE
Freq
[MHz]
Zs
[
W]
Zl
[W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
PAE
[%]
Zl
[W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
PAE
[%]
1805
1.00 – j3.39 1.36 – j2.81
18.2
52.30
170
58.1
2.82 – j2.46
20.4
50.40
110
65.7
1880
1.38 – j3.80 1.26 – j3.35
17.8
52.10
164
54.7
2.48 – j2.33
20.2
50.50
112
64.8
1930
1.88 – j4.65 1.14 – j3.38
17.6
52.10
162
52.1
2.25 – j2.06
20.1
50.20
104
63.7
1990
2.85 – j4.62 1.31 – j3.40
18.4
52.00
157
56.4
1.81 – j2.40
19.9
50.60
116
62.8
Freq
[MHz]
Z Source W
Z Load W
R
jX
R
jX
1930
1.34
–4.30
1.55
–3.14
1960
1.28
–4.15
1.54
–2.99
1990
1.25
–4.04
1.52
–2.86
-25
-20
-15
-10
-5
0
17
18
19
20
21
22
1800 1850 1900 1950 2000 2050 2100
Frequency (MHz)
Small Signal CW Performance
Gain & Input Return Loss
VDD = 28 V, IDQ = 960 mA
IRL
Gain
c191507fc_g6
not
recommended
for
new
design



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com