Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS73701 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS73701
Description  1A Low-Dropout Regulator with Reverse Current Protection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73701 Datasheet(HTML) 4 Page - Texas Instruments

  TPS73701 Datasheet HTML 1Page - Texas Instruments TPS73701 Datasheet HTML 2Page - Texas Instruments TPS73701 Datasheet HTML 3Page - Texas Instruments TPS73701 Datasheet HTML 4Page - Texas Instruments TPS73701 Datasheet HTML 5Page - Texas Instruments TPS73701 Datasheet HTML 6Page - Texas Instruments TPS73701 Datasheet HTML 7Page - Texas Instruments TPS73701 Datasheet HTML 8Page - Texas Instruments TPS73701 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
www.ti.com
FUNCTIONAL BLOCK DIAGRAMS
Servo
Error
Amp
Ref
Current
Limit
Thermal
Protection
Bandgap
OUT
FB
R1
R2
EN
GND
IN
80kW
8kW
27kW
4MHz
ChargePump
Standard1% ResistorValuesfor
CommonOutputVoltages
NOTE: V
=(R +R )/R x1.204;
OUT
1
2
2
R ||R =19k
forbest
W
1
2
accuracy.
V
O
1.2V
1.5V
1.8V
2.5V
2.8V
3.0V
3.3V
R
1
Short
23.2kW
28.0kW
39.2kW
44.2kW
46.4kW
52.3kW
R
2
Open
95.3kW
56.2kW
36.5kW
33.2kW
30.9kW
30.1kW
Servo
Error
Amp
Ref
27kW
8kW
Current
Limit
Thermal
Protection
Bandgap
OUT
R
1
R
2
EN
GND
IN
R +R =80kW
1
2
4MHz
ChargePump
TPS737xx
SBVS067C – JANUARY 2006 – REVISED AUGUST 2006
Figure 1. Adjustable Voltage Version
Figure 2. Fixed-Voltage Version
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com