Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS73701 Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS73701
Description  1A Low-Dropout Regulator with Reverse Current Protection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73701 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS73701 Datasheet HTML 8Page - Texas Instruments TPS73701 Datasheet HTML 9Page - Texas Instruments TPS73701 Datasheet HTML 10Page - Texas Instruments TPS73701 Datasheet HTML 11Page - Texas Instruments TPS73701 Datasheet HTML 12Page - Texas Instruments TPS73701 Datasheet HTML 13Page - Texas Instruments TPS73701 Datasheet HTML 14Page - Texas Instruments TPS73701 Datasheet HTML 15Page - Texas Instruments TPS73701 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
www.ti.com
THERMAL PROTECTION
POWER DISSIPATION
P
D
+ VIN * VOUT
I
OUT
(5)
Package Mounting
TPS737xx
SBVS067C – JANUARY 2006 – REVISED AUGUST 2006
Thermal protection disables the output when the
The ability to remove heat from the die is different for
junction temperature rises to approximately +160
°C,
each
package
type,
presenting
different
allowing the device to cool. When the junction
considerations in the PCB layout. The PCB area
temperature cools to approximately +140
°C, the
around the device that is free of other components
output circuitry is again enabled. Depending on
moves the heat from the device to the ambient air.
power dissipation, thermal resistance, and ambient
Performance data for JEDEC low- and high-K boards
temperature, the thermal protection circuit may cycle
are shown in the Power Dissipation Ratings table.
on and off. This cycling limits the dissipation of the
Using heavier copper will increase the effectiveness
regulator,
protecting
it
from
damage
due
to
in removing heat from the device. The addition of
overheating.
plated through-holes to heat-dissipating layers will
also improve the heatsink effectiveness.
Any tendency to activate the thermal protection
circuit indicates excessive power dissipation or an
Power dissipation depends on input voltage and load
inadequate heatsink. For reliable operation, junction
conditions. Power dissipation (PD) is equal to the
temperature should be limited to +125
°C maximum.
product of the output current times the voltage drop
To estimate the margin of safety in a complete
across the output pass element (VIN to VOUT):
design (including heatsink), increase the ambient
temperature until the thermal protection is triggered;
use worst-case loads and signal conditions. For good
Power dissipation can be minimized by using the
reliability, thermal protection should trigger at least
lowest possible input voltage necessary to assure
+35
°C above the maximum expected ambient
the required output voltage.
condition of your application. This produces a
worst-case junction temperature of +125
°C at the
highest
expected
ambient
temperature
and
Solder
pad
footprint
recommendations
for
the
worst-case load.
TPS737xx are presented in Application Bulletin
The internal protection circuitry of the TPS737xx has
Solder Pad Recommendations for Surface-Mount
been
designed
to
protect
against
overload
Devices
(SBFA015),
available
from
the
Texas
conditions. It was not intended to replace proper
Instruments web site at www.ti.com.
heatsinking. Continuously running the TPS737xx into
thermal shutdown will degrade device reliability.
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com