Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS73701 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS73701
Description  1A Low-Dropout Regulator with Reverse Current Protection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73701 Datasheet(HTML) 1 Page - Texas Instruments

  TPS73701 Datasheet HTML 1Page - Texas Instruments TPS73701 Datasheet HTML 2Page - Texas Instruments TPS73701 Datasheet HTML 3Page - Texas Instruments TPS73701 Datasheet HTML 4Page - Texas Instruments TPS73701 Datasheet HTML 5Page - Texas Instruments TPS73701 Datasheet HTML 6Page - Texas Instruments TPS73701 Datasheet HTML 7Page - Texas Instruments TPS73701 Datasheet HTML 8Page - Texas Instruments TPS73701 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
DCQPACKAGE
SOT223
(TOPVIEW)
1
2
3
4
5
IN
OUT
GND
FB/NC
EN
TABISGND
TypicalApplicationCircuit
TPS737xx
GND
EN
FB
IN
OUT
V
IN
V
OUT
Optional
1.0 F
m
TPS737xx
SBVS067C – JANUARY 2006 – REVISED AUGUST 2006
1A Low-Dropout Regulator
with Reverse Current Protection
•
Stable with 1.0µF or Larger Ceramic Output
The TPS737xx family of linear low-dropout (LDO)
Capacitor
voltage regulators uses an NMOS pass element in a
voltage-follower
configuration.
This
topology
is
•
Input Voltage Range: 2.2V to 5.5V
relatively insensitive to output capacitor value and
•
Ultra-Low Dropout Voltage: 130mV typ at 1A
ESR, allowing a wide variety of load configurations.
•
Excellent Load Transient Response—Even
Load transient response is excellent, even with a
With Only 1.0µF Output Capacitor
small 1.0µF ceramic output capacitor. The NMOS
topology also allows very low dropout for the die size
•
NMOS Topology Delivers Low Reverse
used.
Leakage Current
The TPS737xx family uses an advanced BiCMOS
•
0.5% Initial Accuracy
process to yield high precision while delivering very
•
3% Overall Accuracy Over Line, Load, and
low dropout voltages and low ground pin current.
Temperature
Current consumption, when not enabled, is under
•
Less Than 20nA typical IQ in Shutdown Mode
1
µA and ideal for portable applications. These
devices are protected by thermal shutdown and
•
Thermal Shutdown and Current Limit for
foldback current limit.
Fault Protection
•
Available in Multiple Output Voltage Versions
– Adjustable Output: 1.20V to 5.5V
– Custom Outputs Available Using Factory
Package-Level Programming
•
Point of Load Regulation for DSPs, FPGAs,
ASICs, and Microprocessors
•
Post-Regulation for Switching Supplies
•
Portable/Battery-Powered Equipment
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS73701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73701DCQ TI-TPS73701DCQ Datasheet
972Kb / 22P
1A Low-Dropout Regulator with Reverse Current Protection
TPS73701DCQ TI-TPS73701DCQ Datasheet
991Kb / 22P
1A Low-Dropout Regulator with Reverse Current Protection
TPS73701DCQ TI1-TPS73701DCQ Datasheet
1Mb / 31P
1A Low-Dropout Regulator with Reverse Current Protection
TPS73701DCQ TI1-TPS73701DCQ Datasheet
1Mb / 38P
1-A Low-Dropout Regulator With Reverse Current Protection
TPS73701DCQ TI1-TPS73701DCQ Datasheet
470Kb / 18P
1A Low-Dropout Regulator with Reverse Current Protection
More results

Similar Description - TPS73701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73718 TI-TPS73718 Datasheet
972Kb / 22P
1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI-TPS737XX_09 Datasheet
991Kb / 22P
1A Low-Dropout Regulator with Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1 Datasheet
536Kb / 19P
1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73701 TI1-TPS73701_13 Datasheet
1Mb / 31P
1A Low-Dropout Regulator with Reverse Current Protection
TPS737 TI-TPS737_15 Datasheet
1Mb / 37P
TPS737xx 1-A Low-Dropout Regulator With Reverse Current Protection
TPS73719-Q1 TI-TPS73719-Q1_15 Datasheet
991Kb / 22P
1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS737 TI1-TPS737_16 Datasheet
1Mb / 38P
1-A Low-Dropout Regulator With Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1_16 Datasheet
1Mb / 26P
1-A Low-Dropout Regulator With Reverse Current Protection
TPS737XX TI1-TPS737XX Datasheet
470Kb / 18P
1A Low-Dropout Regulator with Reverse Current Protection
logo
New Japan Radio
NJM11100 NJRC-NJM11100 Datasheet
5Mb / 20P
Adjustable Low Dropout Regulator w/Reverse Current Protection
Ver.2015-02-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com