Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS73701 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS73701
Description  1A Low-Dropout Regulator with Reverse Current Protection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73701 Datasheet(HTML) 5 Page - Texas Instruments

  TPS73701 Datasheet HTML 1Page - Texas Instruments TPS73701 Datasheet HTML 2Page - Texas Instruments TPS73701 Datasheet HTML 3Page - Texas Instruments TPS73701 Datasheet HTML 4Page - Texas Instruments TPS73701 Datasheet HTML 5Page - Texas Instruments TPS73701 Datasheet HTML 6Page - Texas Instruments TPS73701 Datasheet HTML 7Page - Texas Instruments TPS73701 Datasheet HTML 8Page - Texas Instruments TPS73701 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
www.ti.com
PIN ASSIGNMENTS
DCQPACKAGE
SOT223
(TOPVIEW)
1
2
3
4
5
IN
OUT
GND
FB/NC
EN
TABISGND
TPS737xx
SBVS067C – JANUARY 2006 – REVISED AUGUST 2006
Table 1. Terminal Functions
SOT223
(DCQ)
NAME
PIN NO.
DESCRIPTION
IN
1
Unregulated input supply
GND
3, TAB
Ground
Driving the enable pin (EN) high turns on the regulator. Driving this pin low puts the regulator into shutdown
EN
5
mode. Refer to the Shutdown section under Applications Information for more details. EN can be connected to
IN if not used.
Adjustable voltage version only—this is the input to the control loop error amplifier, and is used to set the
FB
4
output voltage of the device.
OUT
2
Regulator output. A 1.0
µF or larger capacitor of any type is required for stability.
NC
—
Not connected
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com