Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS73701 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS73701
Description  1A Low-Dropout Regulator with Reverse Current Protection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73701 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS73701 Datasheet HTML 7Page - Texas Instruments TPS73701 Datasheet HTML 8Page - Texas Instruments TPS73701 Datasheet HTML 9Page - Texas Instruments TPS73701 Datasheet HTML 10Page - Texas Instruments TPS73701 Datasheet HTML 11Page - Texas Instruments TPS73701 Datasheet HTML 12Page - Texas Instruments TPS73701 Datasheet HTML 13Page - Texas Instruments TPS73701 Datasheet HTML 14Page - Texas Instruments TPS73701 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
www.ti.com
BOARD LAYOUT RECOMMENDATION TO
TRANSIENT RESPONSE
INTERNAL CURRENT LIMIT
SHUTDOWN
dV
dT
+
V
OUT
C
OUT
80kW ø RLOAD
(3)
DROPOUT VOLTAGE
dV
dT
+
V
OUT
C
OUT
80kW ø (R1 ) R2) ø RLOAD
(4)
REVERSE CURRENT
TPS737xx
SBVS067C – JANUARY 2006 – REVISED AUGUST 2006
IMPROVE PSRR AND NOISE
The low open-loop output impedance provided by the
PERFORMANCE
NMOS
pass
element
in
a
voltage
follower
To improve ac performance such as PSRR, output
configuration allows operation without a 1.0µF output
noise, and transient response, it is recommended
capacitor. As with any regulator, the addition of
that the printed circuit board (PCB) be designed with
additional capacitance from the output pin to ground
separate ground planes for VIN and VOUT, with each
reduces
undershoot
magnitude
but
increases
ground plane connected only at the GND pin of the
duration. In the adjustable version, the addition of a
device. In addition, the ground connection for the
capacitor, CFB, from the output to the adjust pin will
bypass capacitor should connect directly to the GND
also improve the transient response.
pin of the device.
The TPS737xx does not have active pull-down when
the output is over-voltage. This architecture allows
applications that connect higher voltage sources,
such as alternate power supplies, to the output. This
The TPS737xx internal current limit helps protect the
architecture also results in an output overshoot of
regulator during fault conditions. Foldback helps to
several percent if the load current quickly drops to
protect the regulator from damage during output
zero when a capacitor is connected to the output.
short-circuit conditions by reducing current limit when
The duration of overshoot can be reduced by adding
VOUT drops below 0.5V.
a load resistor. The overshoot decays at a rate
determined
by
output
capacitor
COUT and the
internal/external load resistance. The rate of decay is
The Enable pin is active high and is compatible with
given by:
standard TTL-CMOS levels. VEN below 0.5V (max)
(Fixed voltage version)
turns the regulator off and drops the ground pin
current to approximately 10nA. When shutdown
capability is not required, the Enable pin can be
connected to VIN. When a pull-up resistor is used,
and operation down to 1.8V is required, use pull-up
(Adjustable voltage version)
resistor values below 50k
Ω.
The TPS737xx uses an NMOS pass transistor to
achieve extremely low dropout. When (VIN – VOUT) is
less than the dropout voltage (VDO), the NMOS pass
The NMOS pass element of the TPS737xx provides
device is in its linear region of operation and the
inherent protection against current flow from the
input-to-output resistance is the RDS, ON of the NMOS
output of the regulator to the input when the gate of
pass element.
the pass device is pulled low. To ensure that all
charge is removed from the gate of the pass
For
large
step
changes
in
load
current,
the
element, the enable pin must be driven low before
TPS737xx requires a larger voltage drop from VIN to
the input voltage is removed. If this is not done, the
VOUT to avoid degraded transient response. The
pass element may be left on because of stored
boundary
of
this
transient
dropout
region
is
charge on the gate.
approximately twice the dc dropout. Values of VIN –
VOUT above this line ensure normal transient
After the enable pin is driven low, no bias voltage is
response.
needed on any pin for reverse current blocking. Note
that reverse current is specified as the current
Operating in the transient dropout region can cause
flowing out of the IN pin because of voltage applied
an increase in recovery time. The time required to
on the OUT pin. There will be additional current
recover from a load transient is a function of the
flowing into the OUT pin as a result of the 80k
Ω
magnitude of the change in load current rate, the
internal resistor divider to ground (see Figure 1 and
rate of change in load current, and the available
Figure 2).
headroom
(VIN to VOUT voltage drop). Under
worst-case conditions [full-scale instantaneous load
For the TPS73701, reverse current may flow when
change with (VIN – VOUT) close to dc dropout levels],
VFB is more than 1.0V above VIN.
the TPS737xx can take a couple of hundred
microseconds to return to the specified regulation
accuracy.
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com