Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM05DY100DO3-ST-R02 Datasheet(PDF) 5 Page - Sharma Electro Components,Inc

Part # DM05DY100DO3-ST-R02
Description  MICA CAPACITORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

DM05DY100DO3-ST-R02 Datasheet(HTML) 5 Page - Sharma Electro Components,Inc

  DM05DY100DO3-ST-R02 Datasheet HTML 1Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 2Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 3Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 4Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 5Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 6Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 7Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 8Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 9Page - Sharma Electro Components,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
SUSCO Engineers & Buyers Guide - Mica Section
Tel: 516-981-6690
Fax: 516-981-6867
MICA CAPACITORS
DM SERIES
INTRODUCTION
SAHA Mica capacitors have been designed to meet the exacting physical, electrical and environmental
requirements of the MIL-C-5 and RS-153 specifications. Careful selection of raw materials, starting with the
finest available grade of India Ruby Mica, and the constant monitoring of all equipment and processes,
provides an overall uniform level of quality consistent with today's most sophisticated electronic equipment.
Ideal for Tuning, Timing, Filtering and Coupling Circuits.
FEATURES
• Low loss and high stability
• Available in very close tolerances
• Suitable for precision applications
• Wide range of operating temperature
GENERAL SPECIFICATIONS
CAPACITANCE RANGE: 1 pF to 82,000 pF VOLTAGE RATING: 50 V DC to 500 V DC (Higher voltage capacitors can also be custom
made) TEMPERATE RATING: - 40 to + 150 °C CASE SIZES: DM 05 to DM 42 INSULATION RESISTANCE: 100,000 M Ohms minimum at
25°C for capacitance up to 10,000 pF. Please refer to characteristic curve for values above the range. DISSIPATION FACTOR < 0.1% at
1 M Hz for values between 100 to 1,000 pF <0.2 at 1K Hz for values above 1,000 pF. Please refer to characteristic curve for values above
the range.
LIFE TEST DETAILS:
Capacitors shall withstand 1.5 times the rated DC voltage at 125 °C for 2000 hours. After the test:
1.
Capacitance change shall not exceed 1% of the initial value or 1 pF, which ever is greater.
2.
Dissipation Factor shall be within 1.5 times the original limits.
3.
Insulation Resistance shall meet the initial specified requirements.
4.
There shall be no remarkable change in the appearance and the marking shall remain legible.
Dimension
CASE CODE
DM05
DM10
DM12
DM15
DM19
DM20
DM30
DM42
B
3.05
3.57
5.00
5.95
8.73
11.11
11.11
26.99
± 0.8
± 0.8
± 0.8
± 0.8
± 0.8
± 0.8
± 0.8
± 0.8
C
0.40
0.40
0.50
0.60
0.80
0.80
1.00
1.00
Dimension
CASE CODE
DM05
DM10
DM12
DM15
DM19
DM20
DM30
DM42
B
0.120
0.141
0.197
0.234
0.344
0.438
0.438
1.063
± 0.031
± 0.031
± 0.031
± 0.031
± 0.031
± 0.031
± 0.031
± 0.031
C
0.016
0.016
0.020
0.025
0.032
0.032
0.04
0.04
#26
#26
#24
#22
#20
#20
#18
#18
Case
Capacitance Range in pF
Equivalent
Size
Standard
MIL
MIL Series
DM05
1 to 390
-
None
DM10
1 to 820
1 to 390
CM 04
DM12
1 to 2,500
-
None
DM15
1 to 2,500
1 to 390
CM 05
DM19
100 to 8,200
430 to 4,700
CM 06
DM20
680 to 12,000
-
None
DM30
5,100 to 20,000
5,100 to 20,000
CM 07
DM42
16,000 to 82,000
-
None
LEAD DIMENSIONS IN INCHES
LEAD DIMENSIONS IN MILLIMETERS
CASE SIZE Vs. CAPACITANCE RANGE
LL" = 1.25" min.
Dimension "R" = 0.078" max. for DM 05 TO DM 15 and 0.125"max. for DM 19 to DM 42
LL" = 30 mm min.
Dimension "R" = 2.0 mm max. for DM 05 TO DM 15 and 3.2 mm max. for DM 19 to DM 42
DIMENSIONS:
LL = 31.75 mm (1.25”) min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com