Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM05DY100DO3-ST-R02 Datasheet(PDF) 13 Page - Sharma Electro Components,Inc

Part # DM05DY100DO3-ST-R02
Description  MICA CAPACITORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

DM05DY100DO3-ST-R02 Datasheet(HTML) 13 Page - Sharma Electro Components,Inc

Back Button DM05DY100DO3-ST-R02 Datasheet HTML 9Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 10Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 11Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 12Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 13Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 14Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 15Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 16Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 17Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
SUSCO Engineers & Buyers Guide - Mica Section
Tel: 516-981-6690
Fax: 516-981-6867
MICA CAPACITORS
CAPACITANCE
VOLTAGE
VALUE in pF
500 V DC
300 V DC
100 V DC
Lmax.
W max.
T max
Lmax.
W max.
T max
Lmax.
W max.
T max
100 - 240
F
15.49
11.43
3.30
270 - 560
F
15.49
11.43
3.56
620 - 820
F
15.49
11.68
3.81
910 - 1,100
F
15.75
11.68
4.06
1,200 - 1,500
F
15.75
11.68
4.32
1,600 - 1,800
F
15.75
11.68
4.57
2,000 - 2,200
F
16.00
11.68
4.83
2,400
F
16.00
11.94
5.33
2,700
F
16.00
11.94
5.59
3,000
F
16.00
11.94
5.84
3,300
F
16.00
12.19
6.10
16.00
10.67
5.33
3,600
F
16.26
12.19
6.35
16.00
11.94
5.33
3,900
F
16.26
12.19
6.60
16.00
11.94
5.33
4,300
F
16.51
12.45
7.11
16.00
11.94
5.59
4,700
F
16.51
12.45
7.62
16.00
11.94
5.84
5,100
F
16.76
12.70
8.13
16.00
12.19
6.10
5,600
F
16.26
12.19
6.35
6,200
F
16.26
12.19
6.60
16.26
12.19
6.35
6,800
F
16.26
12.45
6.86
16.26
12.19
6.60
7,500
F
16.51
12.45
7.11
8,200
F
16.51
12.45
7.62
CAPACITANCE
VOLTAGE
VALUE in pF
500 V DC
300 V DC
100 V DC
Lmax.
W max.
T max
Lmax.
W max.
T max
Lmax.
W max.
T max
100 - 240
F
0.610
0.450
0.130
270 - 560
F
0.610
0.450
0.140
620 - 820
F
0.610
0.460
0.150
910 - 1,100
F
0.620
0.460
0.160
1,200 - 1,500
F
0.620
0.460
0.170
1,600 - 1,800
F
0.620
0.460
0.180
2,000 - 2,200
F
0.630
0.460
0.190
2,400
F
0.630
0.470
0.210
2,700
F
0.630
0.470
0.220
3,000
F
0.630
0.470
0.230
3,300
F
0.630
0.480
0.240
0.630
0.420
0.210
3,600
F
0.640
0.480
0.250
0.630
0.470
0.210
3,900
F
0.640
0.480
0.260
0.630
0.470
0.210
4,300
F
0.650
0.490
0.280
0.630
0.470
0.220
4,700
F
0.650
0.490
0.300
0.630
0.470
0.230
5,100
F
0.660
0.500
0.320
0.630
0.480
0.240
5,600
F
0.640
0.480
0.250
6,200
F
0.640
0.480
0.260
0.640
0.480
0.250
6,800
F
0.640
0.490
0.270
0.640
0.480
0.260
7,500
F
0.650
0.490
0.280
8,200
F
0.650
0.490
0.300
SCDM 19 Mica Capacitors
SCDM19
Case
Dimensions
in Millimeters
Lead Spacing:
8.73 ± 0.8mm
SCDM19
Case
Dimensions
in Inches
Lead Spacing:
0.344 ± 0.031”
Note: Bold Outlined Sections indicate SUSCO Standard items.
DIMENSIONS:
LL = 31.75 mm (1.25”) min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com