Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM05DY100DO3-ST-R02 Datasheet(PDF) 9 Page - Sharma Electro Components,Inc

Part # DM05DY100DO3-ST-R02
Description  MICA CAPACITORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

DM05DY100DO3-ST-R02 Datasheet(HTML) 9 Page - Sharma Electro Components,Inc

Back Button DM05DY100DO3-ST-R02 Datasheet HTML 5Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 6Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 7Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 8Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 9Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 10Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 11Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 12Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 13Page - Sharma Electro Components,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
SUSCO Engineers & Buyers Guide - Mica Sections
Tel: 516-981-6690
Fax: 516-981-6867
MICA CAPACITORS
CAPACITANCE
VOLTAGE
VALUE in pF
500 V DC
300 V DC
100 V DC
Lmax.
W max.
T max
Lmax.
W max.
T max
Lmax.
W max.
T max
1 - 18
C
9.50
10.01
4.50
20 - 82
E
9.50
10.01
4.50
91 - 430
F
9.50
10.01
4.50
470
F
10.01
10.49
5.08
510
F
10.01
10.49
5.08
560
F
10.01
10.49
5.08
620
F
10.01
10.49
5.08
680
F
10.01
10.49
5.08
750
F
10.49
11.00
5.59
820
F
10.49
11.00
5.59
910
F
10.49
11.00
5.59
1,000
F
10.49
11.00
5.59
1,100
F
11.00
11.51
6.10
1,200
F
11.00
11.51
6.10
1,300 - 2,500
F
11.00
11.51
6.10
CAPACITANCE
VOLTAGE
VALUE in pF
500 V DC
300 V DC
100 V DC
Lmax.
W max.
T max
Lmax.
W max.
T max
Lmax.
W max.
T max
1 - 18
C
0.374
0.394
0.177
20 - 82
E
0.374
0.394
0.177
91 - 430
F
0.374
0.394
0.177
470
F
0.394
0.413
0.200
510
F
0.394
0.413
0.200
560
F
0.394
0.413
0.200
620
F
0.394
0.413
0.200
680
F
0.394
0.413
0.200
750
F
0.413
0.433
0.220
820
F
0.413
0.433
0.220
910
F
0.413
0.433
0.220
1,000
F
0.413
0.433
0.220
1,100
F
0.433
0.453
0.240
1,200
F
0.433
0.453
0.240
1,300 - 2,500
F
0.433
0.453
0.240
DM 12 Mica Capacitors
DM12
Case
Dimensions
in Millimeters
Lead Spacing:
5.0 ± 0.8mm
DM12
Case
Dimensions
in Inches
Lead Spacing:
0.197 ± 0.031
CAPACITANCE
VOLTAGE
VALUE in pF
500 V DC
300 V DC
100 V DC
Lmax.
W max.
T max
Lmax.
W max.
T max
Lmax.
W max.
T max
1 - 18
C
7.87
5.84
3.05
20 - 56
E
7.87
5.84
3.05
62 - 68
E
8.13
5.84
3.30
7.87
5.84
3.05
75 - 82
E
8.13
5.84
3.30
8.13
5.84
3.30
7.87
5.84
3.05
91
F
8.13
5.84
3.30
8.13
5.84
3.30
7.87
5.84
3.05
100
F
8.13
5.84
3.30
8.13
5.84
3.30
8.13
5.84
3.30
110 - 120
F
8.13
6.10
3.56
8.13
5.84
3.30
8.13
5.84
3.30
130 - 160
F
8.13
6.10
3.56
8.13
6.10
3.56
8.13
5.84
3.30
180
F
8.38
6.10
3.81
8.13
6.10
3.56
8.13
6.10
3.56
200
F
8.38
6.10
3.81
8.38
6.10
3.81
8.13
6.10
3.56
220 - 240
F
8.64
6.35
4.06
8.38
6.10
3.81
8.13
6.10
3.56
250
F
8.64
6.35
4.06
8.64
6.35
4.06
8.13
6.10
3.56
270 - 300
F
8.64
6.35
4.06
8.38
6.10
3.81
330
F
8.89
6.60
4.32
8.38
6.10
3.81
360
F
8.89
6.60
4.32
8.64
6.35
4.06
390 - 400
F
8.64
6.35
4.06
430 - 470
F
8.89
6.60
4.32
750 - 820*
F
8.89
6.60
4.32
CAPACITANCE
VOLTAGE
VALUE in pF
500 V DC
300 V DC
100 V DC
Lmax.
W max.
T max
Lmax.
W max.
T max
Lmax.
W max.
T max
1 - 18
C
0.310
0.230
0.120
20 - 56
E
0.310
0.230
0.120
62 - 68
E
0.320
0.230
0.130
0.310
0.230
0.120
75 - 82
E
0.320
0.230
0.130
0.320
0.230
0.130
0.310
0.230
0.120
91
F
0.320
0.230
0.130
0.320
0.230
0.130
0.310
0.230
0.120
100
F
0.320
0.230
0.130
0.320
0.230
0.130
0.320
0.230
0.130
110 - 120
F
0.320
0.240
0.140
0.320
0.230
0.130
0.320
0.230
0.130
130 - 160
F
0.320
0.240
0.140
0.320
0.240
0.140
0.320
0.230
0.130
180
F
0.330
0.240
0.150
0.320
0.240
0.140
0.320
0.240
0.140
200
F
0.330
0.240
0.150
0.330
0.240
0.150
0.320
0.240
0.140
220 - 240
F
0.340
0.250
0.160
0.330
0.240
0.150
0.320
0.240
0.140
250
F
0.340
0.250
0.160
0.340
0.250
0.160
0.320
0.240
0.140
270 - 300
F
0.340
0.250
0.160
0.330
0.240
0.150
330
F
0.350
0.260
0.170
0.330
0.240
0.150
360
F
0.350
0.260
0.170
0.340
0.250
0.160
390 - 400
F
0.340
0.250
0.160
430 - 470
F
0.350
0.260
0.170
750 - 820*
F
0.350
0.260
0.170
SCDM 10 Mica Capacitors
* Available only in 50 V rating.
Note: Bold Outlined Sections indicate
SUSCO Standard items.
SCDM10
Case
Dimensions
in Millimeters
Lead Spacing:
3.57 ± 0.8mm
SCDM10
Case
Dimensions
in Inches
Lead Spacing:
0.141 ± 0.031”
Note: Bold Outlined Sections indicate
SUSCO Standard items.
DIMENSIONS:
LL = 31.75 mm (1.25”) min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com