Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM05DY100DO3-ST-R02 Datasheet(PDF) 12 Page - Sharma Electro Components,Inc

Part # DM05DY100DO3-ST-R02
Description  MICA CAPACITORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

DM05DY100DO3-ST-R02 Datasheet(HTML) 12 Page - Sharma Electro Components,Inc

Back Button DM05DY100DO3-ST-R02 Datasheet HTML 8Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 9Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 10Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 11Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 12Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 13Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 14Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 15Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 16Page - Sharma Electro Components,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Tel: 516-981-6690
Fax: 516-981-6867
SUSCO Engineers & Buyers Guide - Mica Section
12
MICA CAPACITORS
CAPACITANCE
VOLTAGE
VALUE in pF
500 V DC
300 V DC
100 V DC
Lmax.
W max.
T max
Lmax.
W max.
T max
Lmax.
W max.
T max
100 - 330
F
16.26
12.70
4.83
360 - 470
F
16.26
12.95
5.08
510 - 620
F
16.51
12.95
5.08
680 - 910
F
16.51
12.95
5.33
1,000 - 1,100
F
16.51
13.21
5.59
1,200 - 1,300
F
16.76
13.21
5.59
1,500
F
16.76
13.21
5.84
1,600
F
16.76
13.46
5.84
1,800 - 2,000
F
17.02
13.46
6.10
2,200
F
17.02
13.46
6.35
2,400
F
17.02
13.72
6.60
2,700
F
17.27
13.72
6.86
3,000
F
17.27
13.97
7.11
3,300
F
17.27
13.97
7.37
17.02
13.72
6.60
3,600
F
17.27
14.22
7.62
17.27
13.72
6.86
3,900
F
17.53
14.22
7.87
17.27
13.72
6.86
4,300
F
17.53
14.48
8.38
17.27
13.97
7.11
4,700
F
17.78
14.73
8.89
17.27
13.97
7.37
5,100
F
18.03
14.99
9.40
---
5,600
F
17.27
14.22
7.87
6,200
F
17.53
14.22
8.13
17.53
14.22
7.87
6,800
F
17.53
14.48
8.38
17.53
14.48
8.13
7,500
F
17.78
14.48
8.64
8,200
F
17.78
14.73
8.89
CAPACITANCE
VOLTAGE
VALUE in pF
500 V DC
300 V DC
100 V DC
Lmax.
W max.
T max
Lmax.
W max.
T max
Lmax.
W max.
T max
100 - 330
F
0.640
0.500
0.190
360 - 470
F
0.640
0.510
0.200
510 - 620
F
0.650
0.510
0.200
680 - 910
F
0.650
0.510
0.210
1,000 - 1,100
F
0.650
0.520
0.220
1,200 - 1,300
F
0.660
0.520
0.220
1,500
F
0.660
0.520
0.230
1,600
F
0.660
0.530
0.230
1,800 - 2,000
F
0.670
0.530
0.240
2,200
F
0.670
0.530
0.250
2,400
F
0.670
0.540
0.260
2,700
F
0.680
0.540
0.270
3,000
F
0.680
0.550
0.280
3,300
F
0.680
0.550
0.290
0.670
0.540
0.260
3,600
F
0.680
0.560
0.300
0.680
0.540
0.270
3,900
F
0.690
0.560
0.310
0.680
0.540
0.270
4,300
F
0.690
0.570
0.330
0.680
0.550
0.280
4,700
F
0.700
0.580
0.350
0.680
0.550
0.290
5,100
F
0.710
0.590
0.370
---
5,600
F
0.680
0.560
0.310
6,200
F
0.690
0.560
0.320
0.690
0.560
0.310
6,800
F
0.690
0.570
0.330
0.690
0.570
0.320
7,500
F
0.700
0.570
0.340
8,200
F
0.700
0.580
0.350
DM 19 / CM06 Mica Capacitors
DM19
CM06
Case
Dimensions
in Millimeters
Lead Spacing:
8.73 ± 0.8mm
DM19
CM06
Case
Dimensions
in Inches
Lead Spacing:
0.344 ± 0.031”
Note: Bold Outlined Sections indicate SUSCO Standard items.
DIMENSIONS:
LL = 31.75 mm (1.25”) min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com