Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM05DY100DO3-ST-R02 Datasheet(PDF) 16 Page - Sharma Electro Components,Inc

Part # DM05DY100DO3-ST-R02
Description  MICA CAPACITORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

DM05DY100DO3-ST-R02 Datasheet(HTML) 16 Page - Sharma Electro Components,Inc

Back Button DM05DY100DO3-ST-R02 Datasheet HTML 9Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 10Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 11Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 12Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 13Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 14Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 15Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 16Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 17Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Tel: 516-981-6690
Fax: 516-981-6867
SUSCO Engineers & Buyers Guide - Mica Section
16
MICA CAPACITORS
CAPACITANCE
VOLTAGE
VALUE in pF
500 V DC
300 V DC
Lmax.
W max.
T max
Lmax.
W max.
T max
5,100
F
19.81
21.84
7.11
5,600 - 6,200
F
19.81
22.10
7.37
6,800
F
19.81
22.10
7.62
7,500
F
20.07
22.35
7.87
19.81
21.84
6.86
8,200
F
20.07
22.35
8.13
19.81
21.84
7.11
9,100
F
20.07
22.35
8.38
19.81
22.10
7.11
10,000
F
20.32
22.61
8.64
19.81
22.10
7.37
11,000
F
20.32
22.61
8.89
19.81
22.10
7.62
12,000
F
20.32
22.61
9.14
20.07
22.35
7.87
13,000
F
20.57
22.61
9.40
20.07
22.35
7.87
15,000
F
20.57
22.86
9.91
20.07
22.35
8.38
16,000
F
20.83
22.86
10.41
20.32
22.61
8.64
18,000
F
20.83
23.11
10.92
20.32
22.61
9.14
20,000
F
21.08
23.37
11.43
20.57
22.61
9.40
CAPACITANCE
VOLTAGE
VALUE in pF
500 V DC
300 V DC
Lmax.
W max.
T max
Lmax.
W max.
T max
5,100
F
0.780
0.860
0.280
5,600 - 6,200
F
0.780
0.870
0.290
6,800
F
0.780
0.870
0.300
7,500
F
0.790
0.880
0.310
0.780
0.860
0.270
8,200
F
0.790
0.880
0.320
0.780
0.860
0.280
9,100
F
0.790
0.880
0.330
0.780
0.870
0.280
10,000
F
0.800
0.890
0.340
0.780
0.870
0.290
11,000
F
0.800
0.890
0.350
0.780
0.870
0.300
12,000
F
0.800
0.890
0.360
0.790
0.880
0.310
13,000
F
0.810
0.890
0.370
0.790
0.880
0.310
15,000
F
0.810
0.900
0.390
0.790
0.880
0.330
16,000
F
0.820
0.900
0.410
0.800
0.890
0.340
18,000
F
0.820
0.910
0.430
0.800
0.890
0.360
20,000
F
0.830
0.920
0.450
0.810
0.890
0.370
DM 30 / CM07 Mica Capacitors
CAPACITANCE
VOLTAGE
VALUE in pF
500 V DC
300 V DC
100 V DC
Lmax.
W max.
T max
Lmax.
W max.
T max
Lmax.
W max.
T max
16,000
F
35.81
22.10
7.11
18,000
F
35.81
22.10
7.37
20,000
F
36.07
22.10
7.62
22,000
F
36.07
22.35
7.87
36.07
22.10
7.37
24,000
F
36.32
22.35
8.13
36.07
22.10
7.62
27,000
F
36.32
22.35
8.38
36.07
22.35
7.87
35.81
22.10
7.11
30,000
F
36.58
22.61
8.89
36.32
22.35
8.13
35.81
22.10
7.37
33,000
F
36.58
22.61
9.14
36.32
22.35
8.64
36.07
22.10
7.62
36,000
F
36.83
22.86
9.65
36.58
22.61
8.89
36.07
22.35
7.87
39,000
F
36.83
22.86
10.16
36.58
22.61
9.14
36.32
22.35
8.13
43,000
F
37.08
23.11
10.67
36.83
22.86
9.40
36.32
22.35
8.38
47,000
F
37.34
23.11
11.43
36.83
22.86
9.91
36.32
22.61
8.64
51,000
F
37.59
23.37
11.94
37.08
22.86
10.16
36.58
22.61
9.14
56,000
F
37.08
23.11
10.67
36.58
22.86
9.40
62,000
F
37.34
23.37
11.43
36.83
22.86
9.91
68,000
F
37.59
23.37
11.94
37.08
22.86
10.41
75,000
F
37.34
23.11
11.18
82,000
F
37.59
23.37
11.68
CAPACITANCE
VOLTAGE
VALUE in pF
500 V DC
300 V DC
100 V DC
Lmax.
W max.
T max
Lmax.
W max.
T max
Lmax.
W max.
T max
16,000
F
1.410
0.870
0.280
18,000
F
1.410
0.870
0.290
20,000
F
1.420
0.870
0.300
22,000
F
1.420
0.880
0.310
1.420
0.870
0.290
24,000
F
1.430
0.880
0.320
1.420
0.870
0.300
27,000
F
1.430
0.880
0.330
1.420
0.880
0.310
1.410
0.870
0.280
30,000
F
1.440
0.890
0.350
1.430
0.880
0.320
1.410
0.870
0.290
33,000
F
1.440
0.890
0.360
1.430
0.880
0.340
1.420
0.870
0.300
36,000
F
1.450
0.900
0.380
1.440
0.890
0.350
1.420
0.880
0.310
39,000
F
1.450
0.900
0.400
1.440
0.890
0.360
1.430
0.880
0.320
43,000
F
1.460
0.910
0.420
1.450
0.900
0.370
1.430
0.880
0.330
47,000
F
1.470
0.910
0.450
1.450
0.900
0.390
1.430
0.890
0.340
51,000
F
1.480
0.920
0.470
1.460
0.900
0.400
1.440
0.890
0.360
56,000
F
1.460
0.910
0.420
1.440
0.900
0.370
62,000
F
1.470
0.920
0.450
1.450
0.900
0.390
68,000
F
1.480
0.920
0.470
1.460
0.900
0.410
75,000
F
1.470
0.910
0.440
82,000
F
1.480
0.920
0.460
DM42
Case
Dimensions
in Millimeters
Lead Spacing:
26.99 ± 0.8mm
DM42
Case
Dimensions
in Inches
Lead Spacing:
1.063 ± 0.031”
DM30
CM07
Case
Dimensions
in Millimeters
Lead Spacing:
11.11 ± 0.8mm
DM30
CM07
Case
Dimensions
in Inches
Lead Spacing:
0.438 ± 0.031”
DM 42 Mica Capacitors
Note: Bold Outlined Sections indicate
SUSCO Standard items.
Note: Bold Outlined Sections indicate
SUSCO Standard items.
DIMENSIONS:
LL = 31.75 mm (1.25”) min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com