Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF8 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF8
Description  4th-Order Switched Capacitor Bandpass Filter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF8 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button MF8 Datasheet HTML 14Page - National Semiconductor (TI) MF8 Datasheet HTML 15Page - National Semiconductor (TI) MF8 Datasheet HTML 16Page - National Semiconductor (TI) MF8 Datasheet HTML 17Page - National Semiconductor (TI) MF8 Datasheet HTML 18Page - National Semiconductor (TI) MF8 Datasheet HTML 19Page - National Semiconductor (TI) MF8 Datasheet HTML 20Page - National Semiconductor (TI) MF8 Datasheet HTML 21Page - National Semiconductor (TI) MF8 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
20 Design Tables for Multiple Feedback Loop Bandpass Filters
BUTTERWORTH
RIPPLE 3 dB
Order
K0
K2
K3
K4
K5
K6
KQ
4
20000
40000
14142
6
23704
26667
91429
15000
8
29142
20000
58284
143145
15307
10
36340
16000
44112
69094
272014
15451
12
45635
13333
35800
43198
115043
490673
15529
CHEBYSHEV
RIPPLE 001 dB
Order
K0
K2
K3
K4
K5
K6
KQ
4
19041
36339
04489
6
18277
18450
66170
09438
8
14856
09919
31209
50414
14257
10
10171
05740
17484
12943
48814
18908
CHEBYSHEV
RIPPLE 002 dB
Order
K0
K2
K3
K4
K5
K6
KQ
4
18644
34922
05393
6
17024
16787
60772
10849
8
12893
08707
27661
40779
16106
10
08163
04934
15155
09879
37119
21179
CHEBYSHEV
RIPPLE 003 dB
Order
K0
K2
K3
K4
K5
K6
KQ
4
18341
33871
06016
6
16183
15713
57231
11808
8
11688
07977
25491
35270
17362
10
07034
04467
13786
08252
30938
22724
CHEBYSHEV
RIPPLE 004 dB
Order
K0
K2
K3
K4
K5
K6
KQ
4
18085
33009
06508
6
15535
14908
54548
12560
8
10814
07454
23919
31471
18348
10
06264
04139
12818
07181
26883
23940
CHEBYSHEV
RIPPLE 005 dB
Order
K0
K2
K3
K4
K5
K6
KQ
4
17860
32268
06923
6
15002
14260
52373
13191
8
10129
07046
22685
28609
19175
10
05686
03888
12072
06402
23938
24961
CHEBYSHEV
RIPPLE 006 dB
Order
K0
K2
K3
K4
K5
K6
KQ
4
17657
31612
07285
6
14548
13717
50536
13741
8
09566
06713
21670
26336
19897
10
05230
03685
11467
05800
21666
25852
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com