Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF8 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF8
Description  4th-Order Switched Capacitor Bandpass Filter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF8 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button MF8 Datasheet HTML 6Page - National Semiconductor (TI) MF8 Datasheet HTML 7Page - National Semiconductor (TI) MF8 Datasheet HTML 8Page - National Semiconductor (TI) MF8 Datasheet HTML 9Page - National Semiconductor (TI) MF8 Datasheet HTML 10Page - National Semiconductor (TI) MF8 Datasheet HTML 11Page - National Semiconductor (TI) MF8 Datasheet HTML 12Page - National Semiconductor (TI) MF8 Datasheet HTML 13Page - National Semiconductor (TI) MF8 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10 Application Information (Continued)
14 MULTIPLE FEEDBACK LOOP CONFIGURATION
The multi-loop approach to building bandpass filters is high-
ly flexible and stable yet uses few external components
Figure 5 shows the MF8’s internal operational amplifier and
two second-order filter stages with three external resistors
in a fourth-order multiple feedback configuration Higher-or-
der filters may be built by adding more second-order sec-
tions and feedback resistors as in
Figure 6 The filter’s re-
sponse is determined by the clock frequency the clock-to-
center-frequency ratio the ratios of the feedback resistor
values and the Qs of the second-order filter sections The
design procedure for multiple feedback filters can be broken
down into a few simple steps
1) Determine the characteristics of the desired filter This
will depend on the requirements of the particular applica-
tion For a given application the required bandpass re-
sponse can be shown graphically as in
Figure 7 which
shows the limits for the filter response
Figure 7 also makes
use of several parameters that must be known in order to
design a filter These parameters are defined below in terms
of
Figure 7
TLH8694 – 15
FIGURE 7 Graphical representation of the amplitude
response specifications for a bandpass filter The
filter’s response should fall within the shaded area
TLH8694 – 13
FIGURE 5 General fourth-order multiple-feedback bandpass filter circuit MF8 pin numbers are shown
TLH8694 – 14
FIGURE 6 By adding more second-order filter stages and feedback resistors
higher order multiple-feedback filters may be built
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com