Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF8 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF8
Description  4th-Order Switched Capacitor Bandpass Filter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF8 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  MF8 Datasheet HTML 1Page - National Semiconductor (TI) MF8 Datasheet HTML 2Page - National Semiconductor (TI) MF8 Datasheet HTML 3Page - National Semiconductor (TI) MF8 Datasheet HTML 4Page - National Semiconductor (TI) MF8 Datasheet HTML 5Page - National Semiconductor (TI) MF8 Datasheet HTML 6Page - National Semiconductor (TI) MF8 Datasheet HTML 7Page - National Semiconductor (TI) MF8 Datasheet HTML 8Page - National Semiconductor (TI) MF8 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Note 7
If it is possible for a signal output (pin 6 14 or 15) to be shorted to Va Vb or ground add a series resistor to limit output current
Note 8
If Vb is anything other than 0V then the value of Vb should be added to the values given in the table For example for Va ea5V and Vb eb5V the
typical VTa e 07 (10V) a (b5V) ea2V
Note 9
Typicals are at 25 C and represent the most likely parametric norm
Note 10
Tested Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level)
Note 11
Design Limits are guaranteed but not 100% tested These limits are not used to calculate outgoing quality levels
Note 12
These logic levels have been referenced to Vb The logic levels will shift accordingly for split supplies
Pin Descriptions
Q Logic Inputs
These inputs program the Qs of the two
A B C D E
2nd-order bandpass filter stages Logic
(3 2 1 18 17)
‘‘1’’ is Va and logic ‘‘0’’ is Vb
AGND (4)
This is the analog and digital ground pin
and should be connected to the system
ground for split supply operation or bi-
ased to mid-supply for single supply op-
eration For best filter performance the
ground line should be ‘‘clean’’
V
a (12)
These are the positive and negative
V
b (11)
power supply inputs
Decoupling the
power supply pins with 01 mF or larger
capacitors is highly recommended
F1 IN (16)
These are the inputs to the bandpass fil-
F2 IN (5)
ter stages To minimize gain error the
source impedance should be less than 2
kX Input signals should be referenced
to AGND
F1 OUT (15)
These are the outputs of the bandpass
F2 OUT (6)
filter stages
A IN (13)
This is the inverting input to the uncom-
mitted operational amplifier The non-in-
verting input is internally connected to
AGND
A OUT (14)
This is the output of the uncommitted
operational amplifier
50100 (10)
This pin sets the ratio of the clock fre-
quency to the bandpass center frequen-
cy Connecting this pin to Va sets the
ratio to 1001 Connecting it to Vb sets
the ratio to 501
TTL CLK (7)
This is the TTL-level clock input pin
There are two logic threshold levels so
the MF8 can be operated on either sin-
gle-ended or split supplies with the logic
input referred to either Vb or AGND
When this pin is not used (or when
CMOS logic levels are used) it should
be connected to either Va or Vb
CMOS CLK (8)
This pin is the input to a CMOS Schmitt
inverter Clock signals with CMOS logic
levels may be applied to this input If the
TTL input is used this pin should be con-
nected to Vb
RC (9)
This pin allows the MF8 to generate its
own clock signal To do this connect an
external resistor between the RC pin and
the CMOS Clock input and an external
capacitor from the CMOS Clock input to
AGND The TTL Clock input should be
connected to Vb or Va When the MF8
is driven from an external clock the RC
pin should be left open
10 Application Information
11 INTRODUCTION
A simplified block diagram for the MF8 is shown in
Figure 1
The analog signal path components are two identical 2nd-
order bandpass filters and an operational amplifier Each
filter has a fixed voltage gain of 2 The filters’ cutoff frequen-
cy is proportional to the clock frequency which may be ap-
plied to the chip from an external source or generated inter-
nally with the aid of an external resistor and capacitor The
proportionality constant fCLK f0 can be set to either 50 or
100 depending on the logic level on pin 10 The ‘‘Q’’ of the
two filters can have any of 31 values ranging from 05 to 90
and is set by the logic levels on pins 1 2 3 17 and 18
Table I shows the available values of Q and the logic levels
required to obtain them The operational amplifier’s non-in-
verting input is internally grounded so it may be used only
for inverting applications
The components in the analog signal path can be intercon-
nected in several ways three of which are illustrated in
Fig-
ures 2a 2b and 2c The two second-order filter sections can
be used as separate filters whose center frequencies track
very closely as in
Figure 2a Each filter section has a high
input impedance and low output impedance The op amp
may be used for gain scaling or other inverting functions If
sharper cutoff slopes are desired the two filter sections
may be cascaded as in
Figure 2b Again the op amp is
uncommitted The circuit in
Figure 2c uses both filter sec-
tions with the op amp and three resistors to build a ‘‘multiple
feedback loop’’ filter This configuration offers the greatest
flexibility for fourth-order bandpass designs Virtually any
fourth-order all pole response shape (Butterworth Cheby-
shev) can be obtained with a wide range of bandwidths
simply by proper choice of resistor values and Q The three
connection schemes in
Figure 2 will be discussed in more
detail in Sections 14 and 15
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com