Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF8 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF8
Description  4th-Order Switched Capacitor Bandpass Filter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF8 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MF8 Datasheet HTML 1Page - National Semiconductor (TI) MF8 Datasheet HTML 2Page - National Semiconductor (TI) MF8 Datasheet HTML 3Page - National Semiconductor (TI) MF8 Datasheet HTML 4Page - National Semiconductor (TI) MF8 Datasheet HTML 5Page - National Semiconductor (TI) MF8 Datasheet HTML 6Page - National Semiconductor (TI) MF8 Datasheet HTML 7Page - National Semiconductor (TI) MF8 Datasheet HTML 8Page - National Semiconductor (TI) MF8 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Op Amp Electrical Characteristics The following specifications apply for Va ea5V Vb eb5V and no
load on the Op Amp output unless otherwise specified Boldface limits apply for TMIN to TMAX all other limits TA e TJ e 25 C
MF8CCN
MF8CCJ
Symbol
Parameter
Conditions
Typical
Tested
Design
Typical
Tested
Design
Units
Limit
Limit
Limit
Limit
(Note 9) (Note 10) (Note 11) (Note 9) (Note 10) (Note 11)
VOS
Maximum Input Offset Voltage
g
8
g
20
g
8
g
20
mV
IB
Maximum Input Bias Current
10
10
pA
VOUT
Minimum Output Voltage Swing RLOAD e 5kX
g
35
g
35
V
AVOL
Open Loop Gain
80
80
dB
GBW
Gain Bandwidth
18
18
MHz
Product
SR
Slew Rate
10
10
V ms
Logic Input and Output Characteristics The following specifications apply for Va ea10V and Vb
e
0V unless otherwise specified Boldface limits apply for TMIN to TMAX all other limits TA e TJ e 25 C
MF8CCN
MF8CCJ
Symbol
Parameter
Conditions
Typical Tested
Design
Typical
Tested
Design Units
Limit
Limit
Limit
Limit
(Note 9) (Note 10 (Note 11) (Note 9) (Note 10) (Note 11)
VTa
Positive Threshold
Min VS e Vab Vb referred
07VS
058VS
07VS
058VS
V
Voltage on pin 8
Max
to Vb e 0V (Note 8)
07VS
089VS
07VS
089VS
V
VTb
Negative Threshold
Min VS e Va b Vb referred
035VS 011VS
035VS
011VS
V
Voltage on pin 8
Max
to Vb e 0V (Note 8)
035VS 047VS
035VS
047VS
V
VOH
Output Voltage on Min High
IO eb10 mA
90
90
90
V
VOL
pin 9
(Note 12)
Max Low
IO ea10 mA
10
10
10
V
IOH
Output Current on Min Source Pin 9 tied to Vb
60
30
60
30
mA
IOL
pin 9
Min Sink
Pin 9 tied to Va
50
25
50
25
mA
VIH
Input Voltage on
Min High
70
90
70
90
V
VIL
pins 1 2 3 10
Max Low
30
10
30
10
V
17
18 (Note 12)
IIN
Input Current on pins 1 2
10
10
10
m
A
3 7 8 10 17
18
VIH
Input Voltage on
Min High
Va ea10V Vb e 0V or
20
20
20
V
VIL
pin 7
Max Low
Va ea5V Vb eb5V
08
08
08
V
Note 1
Absolute Maximum Raings indicate limits beyond which damage to the device may occur DC and AC electrical specifications do not apply when operating
the device beyond its specified operating conditions
Note 2
When the applied voltage at any pin falls outside the power supply voltages (VIN k Vb or VIN l Va) the absolute value of current at that pin should be
limited to 1 mA or less
Note 3
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX HJA and the ambient temperature TA The maximum
allowable power dissipation at any temperature is PD e (TJMAX b TA) HJA or the number given in the Absolute Maximum Ratings whichever is lower For this
device TJMAX e 125 C and the typical junction-to-ambient thermal resistance of the MF8CCN when board mounted is 50 CW For the MF8CCJ this number
increases to 65 CW
Note 4
The center frequency of each 2nd-order filter section is defined as the frequency where the phase shift through the filter is zero
Note 5
Q is defined as the measured center frequency divided by the measured bandwidth where the bandwidth is the difference between the two frequencies
where the gain is 3 dB less than the gain measured at the center frequency
Note 6
Dynamic range is defined as the ratio of the tested minimum output swing of 269 Vrms (g38V peak-to-peak) to the wideband noise over a 20 kHz
bandwidth For Qs of 1 or less the dynamic range and output swing will degrade because the gain at an internal node is 2Q Keeping the input signal level below
123xQ Vrms will avoid distortion in this case
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com