Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF8 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF8
Description  4th-Order Switched Capacitor Bandpass Filter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF8 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button MF8 Datasheet HTML 16Page - National Semiconductor (TI) MF8 Datasheet HTML 17Page - National Semiconductor (TI) MF8 Datasheet HTML 18Page - National Semiconductor (TI) MF8 Datasheet HTML 19Page - National Semiconductor (TI) MF8 Datasheet HTML 20Page - National Semiconductor (TI) MF8 Datasheet HTML 21Page - National Semiconductor (TI) MF8 Datasheet HTML 22Page - National Semiconductor (TI) MF8 Datasheet HTML 23Page - National Semiconductor (TI) MF8 Datasheet HTML 24Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
20 Design Tables for Multiple Feedback Loop Bandpass Filters (Continued)
CHEBYSHEV
RIPPLE 14 dB
Order
K0
K2
K3
K4
K5
K6
KQ
4
09501
12461
21024
6
04733
03803
14857
34678
CHEBYSHEV
RIPPLE 15 dB
Order
K0
K2
K3
K4
K5
K6
KQ
4
09192
11934
21688
6
04515
03616
14145
35705
CHEBYSHEV
RIPPLE 16 dB
Order
K0
K2
K3
K4
K5
K6
KQ
4
08897
11443
22341
6
04315
03445
13490
36717
CHEBYSHEV
RIPPLE 17 dB
Order
K0
K2
K3
K4
K5
K6
KQ
4
08617
10983
22986
6
04128
03287
12883
37717
CHEBYSHEV
RIPPLE 18 dB
Order
K0
K2
K3
K4
K5
K6
KQ
4
08350
10553
23624
6
03955
03141
12321
38706
CHEBYSHEV
RIPPLE 19 dB
Order
K0
K2
K3
K4
K5
K6
KQ
4
08095
10148
24255
6
03793
03005
11797
39687
CHEBYSHEV
RIPPLE 20 dB
Order
K0
K2
K3
K4
K5
K6
KQ
4
07850
09767
24881
6
03641
02878
11308
40660
CHEBYSHEV
RIPPLE 21 dB
Order
K0
K2
K3
K4
K5
K6
KQ
4
07616
09407
25503
6
03498
02759
10850
41628
CHEBYSHEV
RIPPLE 22 dB
Order
K0
K2
K3
K4
K5
K6
KQ
4
07391
09067
26122
6
03364
02648
10420
42591
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com