Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC305G2 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC305G2
Description  BIPOLAR ANALOG INTEGRATED CIRCUT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC305G2 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC305G2 Datasheet HTML 1Page - Renesas Technology Corp UPC305G2 Datasheet HTML 2Page - Renesas Technology Corp UPC305G2 Datasheet HTML 3Page - Renesas Technology Corp UPC305G2 Datasheet HTML 4Page - Renesas Technology Corp UPC305G2 Datasheet HTML 5Page - Renesas Technology Corp UPC305G2 Datasheet HTML 6Page - Renesas Technology Corp UPC305G2 Datasheet HTML 7Page - Renesas Technology Corp UPC305G2 Datasheet HTML 8Page - Renesas Technology Corp UPC305G2 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
BIPOLAR ANALOG INTEGRATED CIRCUT
µ PC305
POSITIVE VOLTAGE STABILIZED POWER SUPPLY
Document No. G10633EJ5V0DS00 (5th edition)
Date Published October 2003 NS CP(K)
Printed in Japan
DATA SHEET
2003
The mark
shows major revised points.
DESCRIPTION
The
µ PC305 is a high-performance stabilized power supply that can supply a constant voltage in a wide temperature
range even if the input voltage or load voltage fluctuates, by integrating a high-gain error
amplifier and a
temperature-compensating constant-voltage diode on a single chip.
FEATURES
• Wide output voltage variable range: Vo = 4.5 to 30 V, VDIF = 3 to 30 V
• Excellent load stability: 0.02%
• Good ripple rejection ratio: 0.003%/V
ORDERING INFORMATION
Part Number
Package
µ PC305G2
8-pin plastic SOP (5.72 mm (225) )
EQUIVALENT CIRCUIT
3
2
1
8
7
6
5
4
GND
Reference voltage
Error detection
Compensation
Output
Current limiter
Current output
Intput
Q18
Q1
R5
2.2 k
Ω
C1
5 pF
Q2
Q3
Q17
Q16
Q5
Q15
Q14
Q9
Q7
Q8
Q10
Q13
Q12
Q11
Q4
R4
3 k
Ω
R3
6.8 k
Ω
R2
3 k
Ω
R6
4.4 k
Ω
Q6
R10
600
Ω
R8
1.86 k
Ω
R9
1.32 k
Ω
R7 2.8 k
Ω
D1
PIN CONFIGURATION (Top view)
1
2
3
4
8
7
6
5
GND
Reference voltage
Error detection
Compensation
Output
Input
Current limiter
Current output



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com