Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC305G2 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # UPC305G2
Description  BIPOLAR ANALOG INTEGRATED CIRCUT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC305G2 Datasheet(HTML) 6 Page - Renesas Technology Corp

  UPC305G2 Datasheet HTML 1Page - Renesas Technology Corp UPC305G2 Datasheet HTML 2Page - Renesas Technology Corp UPC305G2 Datasheet HTML 3Page - Renesas Technology Corp UPC305G2 Datasheet HTML 4Page - Renesas Technology Corp UPC305G2 Datasheet HTML 5Page - Renesas Technology Corp UPC305G2 Datasheet HTML 6Page - Renesas Technology Corp UPC305G2 Datasheet HTML 7Page - Renesas Technology Corp UPC305G2 Datasheet HTML 8Page - Renesas Technology Corp UPC305G2 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Data Sheet G10633EJ5V0DS
4
µ PC305
40
0
−40
400
0
−400
010
20
Response Time ( s)
TRANSIENT RESPONSE TIME
30
LINE
LOAD
CL = 1 F
RSC = 10
Ω
IFL = 20 mA
INL = 1.0 mA
VOUT = 10 V
VOUT = 10 V
RSC = 10
Ω
∆VIN = 5 V
110
2
Input - Output Voltage Difference VDIF (V)
LINE REGULATION
50
VOUT = 10 V
TA = 25˚C
CREF = 0 F
CREF = 10 F
f
≤ 120 Hz
520
0.1
0.05
0.02
0.01
0.005
0.002
0.001
µ
µ
µ
µ
µ
CL = 0 F
APPLICATION CIRCUIT EXAMPLES
R3 13
Ω
VO = 5 V
C1 47 pF
3.1 k
Ω
CREF
10 F
C3
0.01 F
R2
C2
1
F
VIN
≥ 8 V
+
+
+
+
R1
5.6 k
Ω
1
2
3
4
8
7
6
5
µ
µ
µ
R3 1.3
Ω 0.5 W
VO = 10 V
C1 47 pF
2.45 k
Ω
CREF
10 F
C3
0.01 F
R2
C2
3.3 F
VIN
≥ 13 V
R1
11.2 k
Ω
1
2
3
4
8
7
6
5
µ
µ
µ
2SA1008
R3 1.3
Ω 2 W
VO = 15 V
C1 47 pF
2.3 k
Ω
CREF
10 F
C3
0.1 F
R2
1.2 k
Ω
R5
130
Ω
R6
110
Ω
R4
C2
50 F
VIN
≥ 19 V
R1
16.7 k
Ω
1
2
3
4
8
7
6
5
µ
µ
C4 1 F
µ
µ
2SA1008
2SC2331
C1
47 pF
VIN
2 k
Ω
R1
1.8
Ω 2 W
R3
680
Ω
2SC2331
2SC2517
68
Ω
R4
R2
Load
1
2
3
4
8
7
6
5
5 V - 15 mA Regulator
15 V - 1 A Regulator (Fold-back Characteristics)
10 V - 200 mA Regulator (Drooping Characteristics)
1 A Constant-current Regulator
Caution Note the power consumption of the
µ PC305 when the output pin is short-circuited and that of the
external transistor.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com