Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC305G2 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPC305G2
Description  BIPOLAR ANALOG INTEGRATED CIRCUT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC305G2 Datasheet(HTML) 8 Page - Renesas Technology Corp

  UPC305G2 Datasheet HTML 1Page - Renesas Technology Corp UPC305G2 Datasheet HTML 2Page - Renesas Technology Corp UPC305G2 Datasheet HTML 3Page - Renesas Technology Corp UPC305G2 Datasheet HTML 4Page - Renesas Technology Corp UPC305G2 Datasheet HTML 5Page - Renesas Technology Corp UPC305G2 Datasheet HTML 6Page - Renesas Technology Corp UPC305G2 Datasheet HTML 7Page - Renesas Technology Corp UPC305G2 Datasheet HTML 8Page - Renesas Technology Corp UPC305G2 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Data Sheet G10633EJ5V0DS
6
µ PC305
RECOMMENDED SOLDERING CONDITIONS
The
µ PC305 should be soldered and mounted under the following recommended conditions.
For soldering methods and conditions other than those recommended below, contact an NEC Electronics sales
representative.
For technical information, see the following website.
Semiconductor Device Mount Manual (http://www.necel.com/pkg/en/mount/index.html)
Type of Surface Mount Device
µ PC305G2: 8-pin plastic SOP (5.72 mm (225) )
Process
Conditions
Symbol
Infrared reflow
Package peak temperature: 230
°C, time: 30 sec MAX. (210°C MIN.),
number of times: once
IR30-00-1
VPS
Package peak temperature: 215
°C, time: 40 sec MAX. (200°C MIN.),
number of times: once
VP15-00-1
Wave soldering
Solder bath temperature: 260
°C MAX., time: 10 sec MAX., number of times: once,
preheating temperature: 120
°C MAX. (package surface temperature)
WS60-00-1
Caution Do not use different soldering methods together (except for partial heating) .



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com