Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC305G2 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UPC305G2
Description  BIPOLAR ANALOG INTEGRATED CIRCUT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC305G2 Datasheet(HTML) 4 Page - Renesas Technology Corp

  UPC305G2 Datasheet HTML 1Page - Renesas Technology Corp UPC305G2 Datasheet HTML 2Page - Renesas Technology Corp UPC305G2 Datasheet HTML 3Page - Renesas Technology Corp UPC305G2 Datasheet HTML 4Page - Renesas Technology Corp UPC305G2 Datasheet HTML 5Page - Renesas Technology Corp UPC305G2 Datasheet HTML 6Page - Renesas Technology Corp UPC305G2 Datasheet HTML 7Page - Renesas Technology Corp UPC305G2 Datasheet HTML 8Page - Renesas Technology Corp UPC305G2 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Data Sheet G10633EJ5V0DS
2
µ PC305
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (TA = 25
°C, unless otherwise specified.)
Parameter
Symbol
Ratings
Unit
Input Voltage
VIN
−0.3 to +40
V
Input - Output Voltage Difference
VDIF
40
V
Maximum Output Current
IO
50
mA
Total Loss
PT
440
Note
mW
Operating Temperature
TA
0 to +70
°C
Storage Temperature
Tstg
−55 to +125
°C
Note Where TA > 25
°C, perform derating at Tj = 125°C MAX., −4.4 mW/°C.
Caution Product quality may suffer if the absolute maximum rating is exceed even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the
verge of suffering physical damage, and therefore the product must be used under conditions that
ensure that the absolute maximum ratings are not exceed.
Electrical Characteristics (TA = 25
°C, unless otherwise specified.)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Input Voltage Range
VIN
8.0
40
V
Output Voltage Range
VOUT
4.5
30
V
Input - Output Voltage Difference
VDIF
3.0
30
V
Load Stability
REGL
0
≤ IO ≤ 12 mA, RSC = 18 Ω
0.02
0.05
%
VIN - VOUT
≤ 5 V
0.025
0.06
%/V
Input Stability
REGIN
VIN - VOUT > 5 V
0.015
0.03
%/V
Ripple Rejection Ratio
REJ
CREF = 10
µF, f = 120 Hz
0.003
%/V
Temperature Stability
0
°C ≤ TA ≤ 70°C
0.3
1.0
%
Reference Voltage
VREF
1.65
1.8
1.90
V
10 Hz
≤ f ≤ 10 kHz, CREF = 0
µF
0.005
%
Output Noise Voltage
VN
CREF = 0.1
µF
0.002
%
Long-time Stability
0.1
%
Supply Current under No Load
ICC
VIN = 40 V
1.0
2.0
mA
Remark RSC: Current-limiting resistor
CREF: Bypass capacitor of reference voltage pin



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com