Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC305G2 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # UPC305G2
Description  BIPOLAR ANALOG INTEGRATED CIRCUT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC305G2 Datasheet(HTML) 7 Page - Renesas Technology Corp

  UPC305G2 Datasheet HTML 1Page - Renesas Technology Corp UPC305G2 Datasheet HTML 2Page - Renesas Technology Corp UPC305G2 Datasheet HTML 3Page - Renesas Technology Corp UPC305G2 Datasheet HTML 4Page - Renesas Technology Corp UPC305G2 Datasheet HTML 5Page - Renesas Technology Corp UPC305G2 Datasheet HTML 6Page - Renesas Technology Corp UPC305G2 Datasheet HTML 7Page - Renesas Technology Corp UPC305G2 Datasheet HTML 8Page - Renesas Technology Corp UPC305G2 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Data Sheet G10633EJ5V0DS
5
µ PC305
PACKAGE DRAWING
ITEM
B
C
I
8-PIN PLASTIC SOP (5.72 mm (225))
D
E
F
G
H
J
P
MILLIMETERS
1.27 (T.P.)
0.78 MAX.
4.4
±0.15
0.1
±0.1
0.42
1.59
±0.21
6.5
±0.3
1.49
+0.08
−0.07
1.1
±0.2
3
°+7°
−3°
NOTE
Each lead centerline is located within 0.12 mm of
its true position (T.P.) at maximum material condition.
A
5.2 +
0.17
−0.20
K
L
M
N
0.6
±0.2
0.17
0.12
0.10
+0.08
−0.07
S8GM-50-225B-6
85
1
4
S
M
C
detail of lead end
A
M
S
N
F
G
B
E
D
P
H
I
J
K
L



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com