Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARM720T Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # ARM720T
Description  General-purpose 32-bit Microprocessor with 8KB cache, enlarged Write buffer, and Memory Management Unit (MMU) combined in a single chip
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ARM720T Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button ARM720T Datasheet HTML 35Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 36Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 37Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 38Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 39Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 40Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 41Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 42Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 242 page
background image
Programmer’s Model
ARM DDI 0192A
Copyright © ARM Limited 1997, 1998, 2000. All rights reserved.
2-3
2.2
Memory formats
The bigend bit in the Control Register selects whether the ARM720T treats words in
memory as being stored in big-endian or little-endian format. See Chapter 3
Configuration for more information on the Control Register.
ARM720T views memory as a linear collection of bytes numbered upwards from zero.
Bytes 0 to 3 hold the first stored word, bytes 4 to 7 the second. and bytes 8 to 11 the
third. ARM720T can treat words in memory as being stored as follows:
•
Big-endian format
•
Little-endian format on page 2-4.
2.2.1
Big-endian format
In big-endian format, the most significant byte of a word is stored at the lowest
numbered byte and the least significant byte at the highest numbered byte. Byte 0 of the
memory system is therefore connected to data lines 31 to 24. This is shown in Figure
2-1.
Figure 2-1 Big-endian addresses of bytes with words
Higher address
8
4
0
31
24 23
Word
address
16 15
8 7
0
· Most significant byte is at lowest address
· Word is addressed by byte address of most significant byte
Lower address
4
9
5
10
6
11
7
8
0
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com