Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARM720T Datasheet(PDF) 76 Page - List of Unclassifed Manufacturers

Part # ARM720T
Description  General-purpose 32-bit Microprocessor with 8KB cache, enlarged Write buffer, and Memory Management Unit (MMU) combined in a single chip
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ARM720T Datasheet(HTML) 76 Page - List of Unclassifed Manufacturers

Back Button ARM720T Datasheet HTML 72Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 73Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 74Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 75Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 76Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 77Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 78Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 79Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 80Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 242 page
background image
Instruction and Data Cache
4-4
Copyright © ARM Limited 1997, 1998, 2000. All rights reserved.
ARM DDI 0192A
4.2
IDC validity
The IDC operates with virtual addresses, so you must ensure that its contents remain
consistent with the virtual to physical mappings performed by the MMU. If the memory
mappings are changed, the IDC validity must be ensured.
4.2.1
Software IDC flush
The entire IDC can be marked as invalid by writing to the cache operations register R7.
The cache is flushed immediately the register is written, but the following two
instruction fetches can come from the cache before the register is written.
4.2.2
Doubly-mapped space
Because the cache works with virtual addresses, it is assumed that every virtual address
maps to a different physical address. If the same physical location is accessed by more
than one virtual address, the cache cannot maintain consistency. Each virtual address
has a separate entry in the cache, and only one entry can be updated on a processor write
operation.
To avoid any cache inconsistencies, both doubly-mapped virtual addresses must be
marked as uncachable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com