Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARM720T Datasheet(PDF) 89 Page - List of Unclassifed Manufacturers

Part # ARM720T
Description  General-purpose 32-bit Microprocessor with 8KB cache, enlarged Write buffer, and Memory Management Unit (MMU) combined in a single chip
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ARM720T Datasheet(HTML) 89 Page - List of Unclassifed Manufacturers

Back Button ARM720T Datasheet HTML 85Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 86Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 87Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 88Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 89Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 90Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 91Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 92Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 93Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 242 page
background image
Memory Management Unit
ARM DDI 0192A
Copyright © ARM Limited 1997, 1998, 2000. All rights reserved.
6-7
6.4
Level 1 descriptor
The level 1 descriptor returned is either a page table descriptor or a section descriptor,
and its format varies accordingly. Figure 6-3 illustrates the format of level 1 descriptors.
Figure 6-3 Level 1 descriptors
The two least significant bits indicate the descriptor type and validity, and are
interpreted as listed in Table 6-2.
31
20 19
00
10 09
04
Page table base address
08
03 02 01
Section base address
1
12 11
Fault
0
1
Page
Domain
1
Domain
C B 1
Section
AP
SBZ
Reserved
05
0
1
1
0
0
SBZ
Table 6-2 Interpreting level 1 descriptor bits [1:0]
Value
Meaning
Notes
0 0
Invalid
Generates a section translation fault
0 1
Page
Indicates that this is a page descriptor
1 0
Section
Indicates that this is a section descriptor
1 1
Reserved
Reserved for future use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com