Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARM720T Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # ARM720T
Description  General-purpose 32-bit Microprocessor with 8KB cache, enlarged Write buffer, and Memory Management Unit (MMU) combined in a single chip
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ARM720T Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button ARM720T Datasheet HTML 40Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 41Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 42Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 43Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 44Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 45Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 46Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 47Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 242 page
background image
Programmer’s Model
2-8
Copyright © ARM Limited 1997, 1998, 2000. All rights reserved.
ARM DDI 0192A
2.6
Registers
ARM720T has a total of 37 registers:
•
31 general-purpose 32-bit registers
•
six status registers.
These registers cannot all be seen at once. The processor state and operating mode
dictate which registers are available to the programmer.
2.6.1
The ARM state register set
In ARM state, 16 general registers and one or two status registers are visible at any one
time. In privileged (non-User) modes, mode-specific banked registers are switched in.
Figure 2-3 on page 2-9 shows which registers are available in each mode. The banked
registers are marked with a shaded triangle.
The ARM state register set contains 16 directly accessible registers, R0 to R15. All of
these, except R15, are general-purpose, and can be used to hold either data or address
values. In addition to these, R16 is used to store status information:
Register 14
R14 is used as the subroutine link register. This receives a copy of
R15 when a Branch and Link (BL) code instruction is executed. At
all other times it can be treated as a general-purpose register. The
corresponding banked registers R14_svc, R14_irq, R14_fiq,
R14_abt, and R14_und are similarly used to hold the return values
of R15 when interrupts and exceptions arise, or when BL
instructions are executed within interrupt or exception routines.
Register 15
R15 holds the Program Counter (PC). In ARM state, bits [1:0] of
R15 are zero and bits [31:2] contain the PC. In Thumb state, bit
[0] is zero and bits [31:1] contain the PC.
Register 16
R16 is the Current Program Status Register (CPSR). This
contains condition code flags and the current mode bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com