Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARM720T Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # ARM720T
Description  General-purpose 32-bit Microprocessor with 8KB cache, enlarged Write buffer, and Memory Management Unit (MMU) combined in a single chip
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ARM720T Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button ARM720T Datasheet HTML 60Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 61Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 62Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 63Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 64Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 65Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 66Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 67Page - List of Unclassifed Manufacturers ARM720T Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 242 page
background image
Configuration
3-4
Copyright © ARM Limited 1997, 1998, 2000. All rights reserved.
ARM DDI 0192A
3.3
Registers
ARM720T contains registers that control the cache and MMU operation. These
registers are accessed using CPRT instructions to CP15 with the processor in a
privileged mode.
Only some of registers R0 to R15 are valid. An access to an invalid register causes
neither the access nor an undefined instruction trap, and therefore must never be carried
out.
3.3.1
Register 0, ID register
Reading from CP15 register 0 returns the value:
0x41807203
Note
The final nibble represents the core revision.
Table 3-1 Cache and MMU control register
Register
Register reads
Register writes
0
ID register
Reserved
1
Control
Control
2
Translation table base
Translation table base
3
Domain access control
Domain access control
4
Reserved
Reserved
5
Fault status
Fault status
6
Fault address
Fault address
7
Reserved
Cache operations
8
Reserved
TLB operations
9 – 12
Reserved
Reserved
13
Process identifier
Process identifier
14 – 15
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com