Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC667CT Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC667CT
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC667CT Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC667CT Datasheet HTML 1Page - Renesas Technology Corp UPC667CT Datasheet HTML 2Page - Renesas Technology Corp UPC667CT Datasheet HTML 3Page - Renesas Technology Corp UPC667CT Datasheet HTML 4Page - Renesas Technology Corp UPC667CT Datasheet HTML 5Page - Renesas Technology Corp UPC667CT Datasheet HTML 6Page - Renesas Technology Corp UPC667CT Datasheet HTML 7Page - Renesas Technology Corp UPC667CT Datasheet HTML 8Page - Renesas Technology Corp UPC667CT Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
©
1993, 1996
DATA SHEET
BIPOLAR ANALOG INTEGRATED CIRCUIT
µPC667
10-BIT D/A CONVERTER
The information in this document is subject to change without notice.
The mark 5 shows major revised points.
Document No. S11099EJ2V0DS00 (2nd edition)
(Previous No. IC-3250)
Date Published February 1996 P
Printed in Japan
The
µPC667 is high-speed and high-precision 10-bit D/A converter.
Clock rate of the
µPC667 is 60 Msps. Conversion precision of the µPC667 is ±1.0 LSB.
FEATURES
•
Resolution
10-bit
•
Clock rate
60 Msps
•
Technology
Bi-CMOS
•
Power supply
+5 V
•
D/A conversion method
R-2R ladder resistance and segment summing system
•
Analog output form
Voltage output type
•
Built-in reference voltage generating circuit
ORDERING INFORMATION
Part Number
Package
µPC667CT
30-pin plastic shrink DIP (400 mil)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com