Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC667CT Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # UPC667CT
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC667CT Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button UPC667CT Datasheet HTML 3Page - Renesas Technology Corp UPC667CT Datasheet HTML 4Page - Renesas Technology Corp UPC667CT Datasheet HTML 5Page - Renesas Technology Corp UPC667CT Datasheet HTML 6Page - Renesas Technology Corp UPC667CT Datasheet HTML 7Page - Renesas Technology Corp UPC667CT Datasheet HTML 8Page - Renesas Technology Corp UPC667CT Datasheet HTML 9Page - Renesas Technology Corp UPC667CT Datasheet HTML 10Page - Renesas Technology Corp UPC667CT Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
µPC667
5
Pin Name
Pin No.
Input/
Function
Equivalent Circuit
Output
AGND
AGND
AVCC
AVCC
AVCC
9.7 k
Ω
9.7 k
Ω
COMP
AVCC
VREF
25
Input
Reference voltage
The output full-scale range is set
according to the voltage applied to
this pin. Apply standard 4.0 V.
When no adjustment is necessary,
connect the output from VROUT pin
directly to this pin.
AOUT
26
Output
Analog signal
Analog signal output pin.
COMP
27
—
Phase compensation
Phase compensating capacitor
connection pin for full-scale ampli-
fier. Approx. 0.1
µF capacitor must
be connected between this pin and
AVCC pin.
AVCC
24, 28
—
Power supply for analog circuit
AGND
23, 29
—
Ground for analog circuit
NC
13, 15 to 19
—
No Connection
AGND
AGND
AGND
AGND
AVCC
112.5
Ω
112.5
Ω
225
Ω
112.5
Ω
R-2R
Ladder
resistance
AVCC
AGND
AGND
5 k
Ω
20 A
µ
AVCC
AGND
AVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com