Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC667CT Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # UPC667CT
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC667CT Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button UPC667CT Datasheet HTML 6Page - Renesas Technology Corp UPC667CT Datasheet HTML 7Page - Renesas Technology Corp UPC667CT Datasheet HTML 8Page - Renesas Technology Corp UPC667CT Datasheet HTML 9Page - Renesas Technology Corp UPC667CT Datasheet HTML 10Page - Renesas Technology Corp UPC667CT Datasheet HTML 11Page - Renesas Technology Corp UPC667CT Datasheet HTML 12Page - Renesas Technology Corp UPC667CT Datasheet HTML 13Page - Renesas Technology Corp UPC667CT Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
µPC667
10
PACKAGE DRAWING
30PIN PLASTIC SHRINK DIP (400 mil)
ITEM
MILLIMETERS
INCHES
NOTES
1) Each lead centerline is located within 0.17 mm (0.007 inch) of
its true position (T.P.) at maximum material condition.
N
0.17
0.007
A
28.46 MAX.
1.121 MAX.
B
1.78 MAX.
0.070 MAX.
F
0.85 MIN.
0.033 MIN.
G
3.2±0.3
0.126±0.012
J
5.08 MAX.
0.200 MAX.
K
10.16 (T.P.)
0.400 (T.P.)
C
1.778 (T.P.)
0.070 (T.P.)
D
0.50±0.10
0.020+0.004
–0.005
H
0.51 MIN.
0.020 MIN.
I
4.31 MAX.
0.170 MAX.
L
8.6
0.339
M
0.25
0.010+0.004
–0.003
+0.10
–0.05
M
R
M
I
H
G
F
DN
C
B
K
S30C-70-400B-1
R
0~15
°
0~15
°
2) ltem "K" to center of leads when formed parallel.
115
30
16
A
L
J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com