Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC667CT Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # UPC667CT
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC667CT Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button UPC667CT Datasheet HTML 2Page - Renesas Technology Corp UPC667CT Datasheet HTML 3Page - Renesas Technology Corp UPC667CT Datasheet HTML 4Page - Renesas Technology Corp UPC667CT Datasheet HTML 5Page - Renesas Technology Corp UPC667CT Datasheet HTML 6Page - Renesas Technology Corp UPC667CT Datasheet HTML 7Page - Renesas Technology Corp UPC667CT Datasheet HTML 8Page - Renesas Technology Corp UPC667CT Datasheet HTML 9Page - Renesas Technology Corp UPC667CT Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
µPC667
4
PIN FUNCTIONS
Pin Name
Pin No.
Input/
Function
Equivalent Circuit
Output
D1 to D10
1 to 10
Input
Digital signal
D1 is MSB, D10 is LSB.
CLK
12
Input
Clock
The rising edge of signal input to
this pin triggers analog output.
DVCC
30
—
Power supply for digital circuit
DGND
11, 14, 22
—
Ground for digital circuit
VRSET
20
—
Reference voltage adjustment
Voltage adjusting pin for the
incorporated reference voltage
generating circuit. The output
voltage of VROUT pin varies according
to the voltage applied to this pin.
When no adjustment is necessary,
connect approx. 0.1
µF capacitance
between this pin and GND pin.
VROUT
21
Output
Reference voltage output
Voltage output pin of the incorpo-
rated reference voltage generating
circuit. This pin has high output
impedance, and must be connected
with a high impedance element.
DVCC
500
Ω
DGND
DGND
DVCC
DVCC
500
Ω
DGND
DGND
DVCC
DVCC
DGND
AVCC
VROUT
AGND
2 k
Ω
AVCC
7.5 k
Ω
3 k
Ω
VRSET
AGND
Reference
voltage
generator
AVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com