Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC667CT Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPC667CT
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC667CT Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPC667CT Datasheet HTML 4Page - Renesas Technology Corp UPC667CT Datasheet HTML 5Page - Renesas Technology Corp UPC667CT Datasheet HTML 6Page - Renesas Technology Corp UPC667CT Datasheet HTML 7Page - Renesas Technology Corp UPC667CT Datasheet HTML 8Page - Renesas Technology Corp UPC667CT Datasheet HTML 9Page - Renesas Technology Corp UPC667CT Datasheet HTML 10Page - Renesas Technology Corp UPC667CT Datasheet HTML 11Page - Renesas Technology Corp UPC667CT Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
µPC667
6
5
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (TA = 25 ˚C)
Parameter
Symbol
Ratings
Unit
Supply voltage for digital circuit
DVCC
–0.3 to +6.0
V
Input voltage
VI
–0.3 to VCC +0.3
V
Operating ambient temperature
TA
–20 to +70
˚ C
Storage temperature
Tstg
–40 to +125
˚ C
Power dissipation
PD
0.8 (TA = +60 ˚C)
W
Supply voltage for analog circuit
AVCC
DVCC –0.3 to DVCC +0.3
V
Caution Exposure to Absolute Maximum Rating for extended periods may affect device reliability;
exceeding the ratings could cause permanent damage. The parameters apply independently.
Recommended Operating Conditions
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Supply voltage for digital circuit
DVCC
4.75
5.0
5.25
V
Supply voltage for analog circuit
AVCC
4.75
5.0
5.25
V
Reference voltage input pin voltage
VREF
3.8
4.0
4.2
V
High-level voltage of digital input
VIH
2.0
V
Low-level voltage of digital input
VIL
0.8
V
Conversion clock frequency
fCLK
60
MHz
Phase compensation capacitance
CCOMP
1.0
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com