Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8002 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC8002
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC8002 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC8002 Datasheet HTML 1Page - Renesas Technology Corp UPC8002 Datasheet HTML 2Page - Renesas Technology Corp UPC8002 Datasheet HTML 3Page - Renesas Technology Corp UPC8002 Datasheet HTML 4Page - Renesas Technology Corp UPC8002 Datasheet HTML 5Page - Renesas Technology Corp UPC8002 Datasheet HTML 6Page - Renesas Technology Corp UPC8002 Datasheet HTML 7Page - Renesas Technology Corp UPC8002 Datasheet HTML 8Page - Renesas Technology Corp UPC8002 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
BIPOLAR ANALOG INTEGRATED CIRCUIT
µPC8002
The
µPC8002 is a monolithic IC developed for use in digital cordless telephones. Its internal equivalent circuits
comprise a double balanced mixer (DBM), IF amplifier circuit, and RSSI (Received Signal Strength Indicator) circuit.
The
µPC8002 can operate on a wide range of power supply voltages from 2.7 V to 5.5 V, and incorporates a power-
off function, making it ideal for achieving low set power consumption.
The package is a 20-pin plastic shrink SOP (225 mil) suitable for high-density surface mounting.
FEATURES
•
Low-voltage, low-consumption-current operation possible (VCC = 2.7 to 5.5 V, ICC = 3.4 mA at VCC = 3 V)
•
Wide mixer input frequency range (fMIX = 250 MHz (TYP.) to 500 MHz (MAX.))
•
Wide IF amplifier input frequency range (fIF = 8 MHz (MIN.) to 12 MHz (MAX.), 10.7 MHz (TYP.))
•
High limiting sensitivity (SL = –100 dBm (TYP.))
•
Wide RSSI dynamic range (DR = 85 dB (TYP.))
•
On-chip power-off function
•
Use of 20-pin plastic shrink SOP (225 mil) allows high-density surface mounting
BLOCK DIAGRAM
ORDERING INFORMATION
Part Number
Package
µPC8002GR
20-pin plastic shrink SOP (225 mil)
µPC8002GR-E1
20-pin plastic shrink SOP (225 mil)
Embossed carrier taping (pin 1 is tape unwinding direction)
µPC8002GR-E2
20-pin plastic shrink SOP (225 mil)
Embossed carrier taping (pin 1 is tape winding direction)
BYPASS1
20
IF2 OUT
11
IF1 IN
19
BYPASS2
18
IF1 OUT
17
BYPASS4
16
IF2 IN
15
BYPASS3
14
GND
(IF OUT)
13
VCC
(IF OUT)
12
1
10
23456789
PD
RSSI OUT
MIX OUT VCC (IF) VCC (MIX)
LO IN
GND(IF) GND(MIX)
MIX IN2
MIX IN1
IF Amp 1
Power ON/OFF
RSSI
2nd MIXER
RSSI
IF Amp 2
Output Stage
SECOND MIXER + IF AMPLIFIER
FOR DIGITAL CORDLESS TELEPHONES
Document No. S10717EJ2V0DS00 (2nd edition)
Date Published March 1997 N
Printed in Japan
The information in this document is subject to change without notice.
©
1997
DATA SHEET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com